Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC12ESM Datasheet(PDF) 8 Page - Teccor Electronics

Part # AC12ESM
Description  Thyristor Product Catalog
Download  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12ESM Datasheet(HTML) 8 Page - Teccor Electronics

Back Button AC12ESM Datasheet HTML 4Page - Teccor Electronics AC12ESM Datasheet HTML 5Page - Teccor Electronics AC12ESM Datasheet HTML 6Page - Teccor Electronics AC12ESM Datasheet HTML 7Page - Teccor Electronics AC12ESM Datasheet HTML 8Page - Teccor Electronics AC12ESM Datasheet HTML 9Page - Teccor Electronics AC12ESM Datasheet HTML 10Page - Teccor Electronics AC12ESM Datasheet HTML 11Page - Teccor Electronics AC12ESM Datasheet HTML 12Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 223 page
background image
http://www.teccor.com
P - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog(972) 580-7777
Product Packages
* No center lead on TO-92 Sidacs.
Package Code
Isolated Mounting Tab
GY
S
C
E
L
K
J
P
Product
Type
Current
(Amps)
DO-15
DO-35
DO-214
Compak
TO-92 *
TO-220
TO-218
TO-218X
TO-3
Fastpak
Sensitive
Triac
0.8
1
4
6
8
Triac
0.8
✔✔
1
✔✔
4
6
8
10
15
25
35
Quadrac
4
6
8
10
15
Alternistor
6
8
10
12
16
25
✔✔✔
30
35
40
✔✔
Sensitive
SCR
0.8
1.5
4
6
8
10
SCR
1
✔✔
6
8
10
12
15
16
20
25
35
✔✔
40
55
65
✔✔
70
Rectifier
15
20
25
Diac
✔✔
Sidac
✔ *


Similar Part No. - AC12ESM

ManufacturerPart #DatasheetDescription
logo
NEC
AC12EGM NEC-AC12EGM Datasheet
707Kb / 6P
   12A MOLD TRIAC
More results

Similar Description - AC12ESM

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com