Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2RH-2022-23-5012-WTLD Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # D2RH-2022-23-5012-WTLD
Description  industrial interface relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

D2RH-2022-23-5012-WTLD Datasheet(HTML) 2 Page - Willow Technologies Ltd

  D2RH-2022-23-5012-WTLD Datasheet HTML 1Page - Willow Technologies Ltd D2RH-2022-23-5012-WTLD Datasheet HTML 2Page - Willow Technologies Ltd D2RH-2022-23-5012-WTLD Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
2
R
-
2
0
-
2
3
-
-
L
Style
S
-
SPDT: 10A/230VAC ,
DPDT: 5A/230VAC
H
-
SPDT: 16A/230VAC
G
-
DPST-NO: 5A / 220VDC
Contact material
see Tables 1 & 2
20
-
AgNi 90/10
Contact arrangement
11
-
SPDT (1C/O) D2RS & D2RH
12
-
DPDT (2 C/O) D2RS only
22
-
DPST-NO (2N/O) D2RG only
Cover protection category
2
-
in cover, IP40
Connection mode
3
-
plug-in, for sockets
Options
NIL
-
No options
WT
-
Test Lever (not available for D2RG)
L
-
LED Indicator = Red; Green for D2RG type. A1+
D
-
Diode (DC Coils only). A1+
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
D2RS series
industrial interface relays
DC Coil Data (at 20°C)
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω) ±10%
Must Operate Voltage max.
(VDC)
Must Release Voltage min.
(VDC)
1012
12
300
9.0
1.2
1024
24
1200
19.2
2.4
1048
48
4800
38.4
4.8
1110
110
23500
88.0
11.0
1125
125
32500
100.0
12.5
Blue mechanical test button - green LED indicator (see ordering codes)
Ref: D2RS 010713JHM
AC (50/60Hz) Coil Data (at 20°C) Not available for D2RG
Table 2
Coil Voltage Code
Nominal Voltage (VAC)
Coil Resistance (Ω) ±10%
Must Operate Voltage max.
(VAC)
Must Release Voltage min.
(VAC)
5012
12
80
9.6
1.2
5024
24
320
19.2
2.4
5048
48
1350
38.4
4.8
5110
110
6900
88.0
11.0
5230
230
28000
184.0
23.0
Red mechanical test button - red LED indicator (see ordering codes)


Similar Part No. - D2RH-2022-23-5012-WTLD

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
D2R0211-45HP MICRONETICS-D2R0211-45HP Datasheet
76Kb / 2P
   ULTRALOWLOSSHIGHPOWERT / R SWITCH
logo
American Electronic Com...
D2RS AEC-D2RS Datasheet
331Kb / 3P
   lockable test feature
logo
Omron Electronics LLC
D2RV OMRON-D2RV Datasheet
689Kb / 4P
   High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
D2RV OMRON-D2RV Datasheet
689Kb / 4P
   High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
D2RV-E OMRON-D2RV-E Datasheet
689Kb / 4P
   High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
More results

Similar Description - D2RH-2022-23-5012-WTLD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com