Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF2001 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # UF2001
Description  2.0A Ultra-fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF2001 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF2001 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF2001 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Ultra-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 60A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.4 grams (approx.)
·
Mounting Position: Any
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
2001
UF
2002
UF
2003
UF
2004
UF
2005
UF
2006
UF
2007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@ TA = 50
°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
60
A
Forward Voltage
@ IF = 2.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
Cj
50
30
pF
Typical Thermal Resistance Junction to Ambient
RqJA
50
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured at IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
UF2001-UF2007
2.0A Ultra-fast Rectifier
Features
Mechanical Data
DO - 15
Dimensions in millimeters
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - UF2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
logo
SAMYANG ELECTRONICS CO....
UF2001 SAMYANG-UF2001 Datasheet
499Kb / 2P
   ULTRA FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
More results

Similar Description - UF2001

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
UF2001 YIXIN-UF2001 Datasheet
209Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001_1 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Gaomi Xinghe Electronic...
UF2001 GXELECTRONICS-UF2001 Datasheet
207Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
UF2001 DIODES-UF2001_2 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
UF2001 DIODES-UF2001_15 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UF2001 LUGUANG-UF2001 Datasheet
1Mb / 2P
   2.0A Ultra-fast Rectifier
logo
TAITRON Components Inco...
TUF201 TAITRON-TUF201 Datasheet
137Kb / 4P
   2.0A Ultra Fast Recovery Rectifier
logo
Gaomi Xinghe Electronic...
US2ABF GXELECTRONICS-US2ABF Datasheet
630Kb / 2P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US2JDF DIODES-US2JDF_15 Datasheet
499Kb / 5P
   2.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com