Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


SI3025 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part No. SI3025
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

 
 6 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3025LSA
LOW-VOLTAGE, HIGH-CURRENT
2.5 V LINEAR REGULATOR
TM
6
APPLICATIONS INFORMATION
Thermal shutdown and heat sinking. Thermal protection
circuitry turns off the device should the junction temperature rise
above 135
°C. This is intended only to protect the device from
failures due to excessive junction temperatures and should not
imply that high-temperature operation is permitted. Ambient
temperature is affected by air circulation and proximity to other
heat-producing components. Normal operation is resumed when
the junction temperature is reduced. Output terminals 7 and 8
are the lead frame and substrate of the pass transistor and
provide a low thermal-resistance path for heat sinking.
In general, the maximum ambient temperature has the most
effect on determining the heat sinking that is needed to maintain
a safe normal operating junction temperature. The maximum
heat sinking thermal resistance (Rθ
JA) can be calculated as
Rθ
JA = (135 – TA) / IO (VI – 2.5)
where T
A is the maximum ambient temperature in °C,
I
O is the maximum output (load) current in amperes, and
V
I is the maximum input voltage in volts.
The following graph gives the required copper foil area
(soldered to leads 7 and 8) to provide the required thermal
resistance. Note that more is always better and both sides of the
printed wiring board can be used.
ENABLE input. The ENABLE input includes an internal pull-
100
200
300
500
JUNCTION-TO-AMBIENT THERMAL RESISTANCE in
°°°°C/W
90
Dwg. GK-031
130
110
120
100
1000
2000
GLASS-EPOXY
PRINTED WIRING BOARD
down resistor. If this terminal is not connected (open-circuit
fault), the device output is turned off.
Overcurrent protection. The SI-3025LSA includes an
overcurrent protection circuit, which limits the output current at
start up. It thus cannot be used with
1) a constant-current load,
2) a power supply with positive and negative to a common load
(center-tap type power supply),
3) a series power supply, or
4) a diode or resistor in series with the device ground to raise
the output voltage.
Input voltage. Including ripple voltage and transients, the
minimum input voltage should be greater than the sum of the
output voltage and the maximum rated dropout voltage; the
maximum input voltage must be less than the absolute maximum
rated input voltage (16 V).
In most applications, the input voltage (terminal 1, V
I) and
the supply voltage (terminal 3, V
S) are connected together.
Output capacitor. A 22
µF tantalum electrolytic capacitor is
recommended between the output and ground. Very-low ESR
capacitors should not be used.
Input capacitor. A 0.1
µF to 10 µF tantalum capacitor is
recommended between the input and ground to prevent oscilla-
tion.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI3018LOW-VOLTAGE HIGH-CURRENT 1.8 V LINEAR REGULATOR 1 2 3 4 5 MoreAllegro MicroSystems
SI-3025LSALOW-VOLTAGE HIGH-CURRENT 2.5 V LINEAR REGULATOR 1 2 3 4 5 MoreAllegro MicroSystems
SI-3033LSALOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1 2 3 4 5 MoreAllegro MicroSystems
SI3033LSALOW-VOLTAGE HIGH-CURRENT 3.3 V LINEAR REGULATOR 1 2 3 4 5 MoreAllegro MicroSystems
MAX1935500mA Low-Voltage Linear Regulator in Tiny QFN 1 2 3 4 5 MoreMaxim Integrated Products
MAX1806500mA Low-Voltage Linear Regulator in UMAX 1 2 3 4 5 MoreMaxim Integrated Products
MAX17051- to 3-Cell High-Current Low-Noise Step-Up DC-DC Converters with Linear Regulator 1 2 3 4 5 MoreMaxim Integrated Products
MIC5247150mA Low-Voltage μCap Linear Regulator Preliminary Information 1 2 3 4 5 MoreMicrel Semiconductor
MAX1510Low-Voltage DDR Linear Regulator 1 2 3 4 5 MoreMaxim Integrated Products
MAX8737Dual Low-Voltage Linear Regulator Controllers with External MOSFETs 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl