Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG5N-3021-35-1005-GW Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG5N-3021-35-1005-GW
Description  miniature pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG5N-3021-35-1005-GW Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG5N-3021-35-1005-GW Datasheet HTML 1Page - Willow Technologies Ltd DG5N-3021-35-1005-GW Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG5N
miniature pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A)
Contact material
AgSnO
2
Max. switching voltage
AC/DC 250VAC, 28VDC
Rated load (resistive - cos φ=1)
AC1 5A/250VAC
DC1 5A/28VDC
Max. switching power
1250VA / 140W
Contact Resistance (Initial)
≤ 50mΩ at 6VDC/1A
Coil
Rated voltage
DC 3...48V (3V coil not UL approved)
Must release voltage
≥0.10Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 200mW
Insulation
Insulation resistance
≥100MΩ at 500VDC, 50%RH
Tracking resistance
CTI 250
Dielectric strength
coil to contact 4,000Vrms, 1min (50/60Hz); 10,000V surge
contact to contact 1,000Vrms, 1min (50/60Hz)
General Data
Operating time (typical)
ms ≤ 10
Release time (typical)
ms ≤ 5
Max Switch Rate (On/Off)
electrical 30 operations / minute
mechanical 300 operations / minute
Electrical Life
ops 1 x 105 (resistive 5A/250VAC)
Mechanical life
ops 1 x 107 (no load)
Dimensions
L x W x H 20.5 x 7.0 x 15mm
Weight
≤ 4g
Ambient temperature
storage -30 to 85°C
operating -30 to 85°C
Flammability Class
UL 94V-0
Humidity range
45~85% RH
Shock resistance
Functional: 98.1m/s2 (10g) / Destructive: 981m/s2 6ms (100g)
Vibration resistance
10-55Hz DA. 1.5mm
• miniature - only 20.5 x 7 x 15mm
• High switching capacity 140W, 1250VA
• High sensitivity 200mW coils
• Cadmium free contacts
• RoHS Compliant
Ref: DG5N 090514JHM
E305753
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG5N-3021-35-1005-GW

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG5N AEC-DG5N Datasheet
183Kb / 2P
   High sensitivity 200mW coils
More results

Similar Description - DG5N-3021-35-1005-GW

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
   MINIATURE PCB POWER RELAY
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
   Miniature Power PCB Relay
PB114005 MACOM-PB114005 Datasheet
236Kb / 3P
   Miniature Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com