Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG31A-3011-35-1006 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG31A-3011-35-1006
Description  miniature automotive pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG31A-3011-35-1006 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG31A-3011-35-1006 Datasheet HTML 1Page - Willow Technologies Ltd DG31A-3011-35-1006 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCB Mounting Dimensions and Wiring
Fig. 2
Ordering codes
Type
Contact material
Contact
arrangement
Cover protection
and mounting
Coil code
D
G
3
1
A
-
-
5
-
Contact material
10
-
AgCdO
See coil Table 1
20
-
AgNi 90/10
30
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO
Cover protection category
2
-
in cover, flux tight - IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
DG31A
miniature automotive pcb power relay
Ref: DG31A 121913JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage (VDC)
Coil Resistance (Ω)
±10%
Must operate voltage
max. (V DC)
Must release voltage
min. (V DC)
1006
6
45
3.2
0.6
1012
12
180
6.3
1.2
1024
24
720
12.6
2.4
Page 2 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
All Dimensions in mm
Specifications are subject to change without notice. E&OE.
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Maximum make current refers to inrush current of motor load.
3: Electrical life is strongly dependent of switching frequency, On/Off ratio and environmental conditions.


Similar Part No. - DG31A-3011-35-1006

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
More results

Similar Description - DG31A-3011-35-1006

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
   Miniature Automotive PCB Power Relay
PC822 PICKER-PC822 Datasheet
215Kb / 2P
   Miniature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4504 DBLECTRO-HG4504 Datasheet
50Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG29 WILLOW-DG29 Datasheet
248Kb / 2P
   miniature automotive pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARG SANYOU-SARG Datasheet
212Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com