Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2RS-2022-23-1024-WTLD Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # D2RS-2022-23-1024-WTLD
Description  industrial interface relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

D2RS-2022-23-1024-WTLD Datasheet(HTML) 1 Page - Willow Technologies Ltd

  D2RS-2022-23-1024-WTLD Datasheet HTML 1Page - Willow Technologies Ltd D2RS-2022-23-1024-WTLD Datasheet HTML 2Page - Willow Technologies Ltd D2RS-2022-23-1024-WTLD Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
D2RS series
industrial interface relays
Contacts
D2RS-2011
D2RH-2011
D2RS-2012
D2RG-2022
Contact number & arrangement
SPDT (1C)
SPDT (1C)
DPDT (2 C)
DPST-NO (2A)
Contact material
Ag alloy
Max. switching voltage
AC/DC 250VAC, 30VDC
220VDC
Min. breaking capacity
W 0.3W
Rated load (resistive - cos φ=1)
AC1/DC1 10A
16A
5A
5A
Max. switching power
2500VA / 300W 4000VA /480W 1250VA / 150W 1100W
Initial resistance
≤ 100mΩ, max. at 1A/24VDC
Coil
Rated voltage
DC 6...125V
6...125V
6...125V
6...125V
AC 12...230V
12...230V
12...230V
Not available
Operating range of supply voltage
See coil tables 1 & 2
See coil table 1
Insulation
Insulation resistance
≥3000MΩ at 500VDC, 50%RH, 25°C
Dielectric strength
coil to contact 5000Vrms, 1min (50Hz)
contact to contact 1000Vrms, 1min (50Hz)
General Data
Operating time
mS ≤ 15
Release time
mS ≤ 15 , ≤ 20 (with diode)
Operating frequency
1200 op/hr at nominal load
Electrical life
ops 1 x 105
Mechanical life
ops 1 x 106 (AC Coil) / 2 x 106 (DC Coil)
Dimensions
L x W x H 29 x 13 x 36 mm (see Fig 1 for more information)
Weight
≤ 21g
Ambient temperature
operating -40 to 70°C
Shock resistance
10G
Vibration resistance
DA 1.5mm 10-55Hz
Ref: D2RS 010713JHM
• miniature - saves DIN rail space
• lockable test feature (not D2RG)
• optional no test lever
• mechanical operation indicator
• LED indication
• High voltage DC switching version
• RoHS Compliant


Similar Part No. - D2RS-2022-23-1024-WTLD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
D2RS AEC-D2RS Datasheet
331Kb / 3P
   lockable test feature
More results

Similar Description - D2RS-2022-23-1024-WTLD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com