Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG05-3021-35-1024 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG05-3021-35-1024
Description  pcb power relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG05-3021-35-1024 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG05-3021-35-1024 Datasheet HTML 1Page - Willow Technologies Ltd DG05-3021-35-1024 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DG05
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 N/O)
Contact material
AgSnO
2
Max. switching voltage
AC/DC 250VAC / 30VDC
Max. switching power
2500VA / 300W
Min. switching current / voltage
100mA/12VDC
Rated load
AC1 10A / 250VAC
DC1 10A / 30VDC
Initial resistance
≤ 50mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...24V (3V not UL approved)
Must release voltage
DC ≥ 0.1Un
Operating range of supply voltage
See coil tables 1 and 2
Rated power consumption
DC 200mW (Sensitive Coil) / 450mW (Standard Coil)
Insulation
Insulation resistance (min.)
1000MΩ at 500VDC, 50%RH
Tracking resistance
CTI 250
Dielectric strength
coil to contact 4000Vrms 50/60Hz, 1min
contact to contact 1000Vrms 50/60Hz, 1min
Surge resistance
coil to contact 10,000V / 1.2x50 µs
General Data
Operating time (typical)
mS ≤ 6ms (Sensitive Coil), ≤ 5ms (Standard Coil)
Release time (typical)
mS ≤ 3ms
Electrical Life
ops ≥ 1 x 105 (resistive), max. 30 operations per minute
Mechanical life
ops ≥ 1 x 107 (no load), max. 300 operations per minute
Dimensions
L x W x H 18.2 x 10.2 x 15.5mm
Weight
~7g
Ambient temperature
storage -40 to 105°C
operating -40 to 85°C (Coil Class F - 155°C)
Flammability class
UL 94V-0
Shock resistance
Functional: 10g; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature pcb power relay
• Up to 10A /30VDC or 250VAC rating
• industry standard style
• 200mW Coil option
• RoHS Compliant
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 1 of 2
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG05 090514JHM
Specifications are subject to change without notice. E&OE.
E305753


Similar Part No. - DG05-3021-35-1024

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG05 AEC-DG05 Datasheet
172Kb / 2P
   industry standard style
More results

Similar Description - DG05-3021-35-1024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com