Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4EB-L2-48V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # S4EB-L2-48V
Description  4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

S4EB-L2-48V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  S4EB-L2-48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) S4EB-L2-48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) S4EB-L2-48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) S4EB-L2-48V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
219
S-RELAYS
4 AMP POLARIZED HIGH
DENSITY RELAY WITH HIGH
SENSITIVITY
mm inch
28.0
1.102
12.0
.472
10.4
.409
FEATURES
• A variety of contact arrangements 2
Form A 2 Form B, 3 Form A 1 Form B,
4 Form A
• Latching types available
• High sensitivity in small size 100 mW
pick-up and 200 mW nominal operating
power
• High shock and vibration resistance
Shock: 50 G Vibration: 10 to 55 Hz at
double amplitude of 3 mm .118 inch
• Wide switching range From 100
µA
100 mV DC to 4 A 250 V AC
• Low thermal electromotive force Ap-
prox. 3
µV
• Dual-In-Line packaging arrangement
• Amber types available
SPECIFICATIONS
Contacts
Coil (polarized) (at 20
°C 68°F)
Characteristics (at 25
°C 77°F 50% Relative humidity)
Arrangement
2 Form A 2 Form B,
3 Form A 1 Form B,
4 Form A
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Initial contact pressure
Approx. 12 g .42 oz
Contact material
Gold clad silver alloy
Electrostatic capacitance
Approx. 3pF
Thermal electromotive force
(at nominal coil voltage)
Approx. 3
µV
Rating
(resistive)
Nominal switching capacity
4 A 250 V AC, 3 A 30 V DC
Maximum switching power
1,000 VA, 90 W
Maximum switching voltage
250 V AC, 30 V DC
(48 VDC at less than 0.5 A)
Max. switching current
4 A (AC), 3 A (DC)
Min. switching capacity**1
100
µA 100 m V DC
Expected
life (min.
operations)
Mechanical (at 50 cps)
108
Electrical
(at 20 cpm)
4 A 250 V AC
105
3 A 30 V DC
2
× 105
Single side
stable
Minimum operating power
Approx. 100 mW
Nominal operating power
Approx. 200 mW
Latching
Minimum set and reset
Approx. 100 mW
Nominal set and reset
Approx. 200 mW
Max. operating speed
20 cpm for maximum load,
50 cps for low-level load
(1 mA 1 V DC)
Initial insulation resistance*1
10,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
750 Vrms
Between contact sets
1,000 Vrms
Between contacts and
coil
1,500 Vrms
Operate time*3
(at nominal voltage)(at 20
°C)
Max. 15 ms (Approx. 8 ms)
Release time (without diode)*3
(at nominal voltage)(at 20
°C)
Max. 10 ms (Approx. 5 ms)
Set time*3 (latching)
(at nominal voltage)(at 20
°C)
Max. 15 ms (Approx. 8 ms)
Reset time*3 (latching)
(at nominal voltage)(at 20
°C)
Max. 15 ms (Approx. 8 ms)
Initial contact bounce, max.
1 ms
Temperature rise
(at nominal voltage)(at 20
°C)
Max. 35
°C with nominal coil
voltage and at maximum
switching current
Shock resistance
Functional*4
Min. 490 m/s2 {50 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*6
176.4 m/s2 {18 G}, 10 to 55 Hz
at double amplitude of 3 mm
Destructive
235.2 m/s2 {24 G}, 10 to 55 Hz
at double amplitude of 4 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–40
°C to +65°C
–40
°F to +149°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 8 g .28 oz
Notes:
**1 This value can change due to the switching frequency, environmental conditions,
and desired reliability level, therefore it is recommended to check this with the ac-
tual load.
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage "section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
TYPICAL APPLICATIONS
Telecommunications equipment, data processing equipment,
facsimiles, alarm equipment, measuring equipment.


Similar Part No. - S4EB-L2-48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
S4EB-L2-48V PANASONICBATTERY-S4EB-L2-48V Datasheet
82Kb / 5P
   2a2b/3a1b/4a 4A polarized power relays
More results

Similar Description - S4EB-L2-48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
S-2L2-48V PANASONIC-S-2L2-48V Datasheet
477Kb / 5P
   4 AMP POLARIZED HIGH DENSITY RELAY
logo
Nais(Matsushita Electri...
TF2-3V NAIS-TF2-3V Datasheet
86Kb / 5P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY
logo
List of Unclassifed Man...
TX-S ETC-TX-S Datasheet
362Kb / 6P
   SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 50mW
logo
Sharp Corporation
PC845 SHARP-PC845 Datasheet
106Kb / 5P
   High Sensitivity, High Density Mounting Type Photocoupler
PC815 SHARP-PC815 Datasheet
112Kb / 4P
   High Sensitivity, High Density Mounting Type Photocoupler
logo
Tyco Electronics
190 MACOM-190 Datasheet
61Kb / 2P
   2 Amp, DPDT, High Sensitivity, DIP PC Board Relay
logo
Hamamatsu Corporation
T11262 HAMAMATSU-T11262_15 Datasheet
200Kb / 4P
   High sensitivity for gas density measurement
logo
DB Lectro Inc
M1BS DBLECTRO-M1BS Datasheet
143Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1B DBLECTRO-M1B Datasheet
146Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
logo
Nais(Matsushita Electri...
DE1A-3V NAIS-DE1A-3V Datasheet
86Kb / 5P
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com