Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC5272D-M2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC5272D-M2
Description  REMOTE CONTROL DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272D-M2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SC5272D-M2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC5272D-M2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
8
Decoder With Data Output Pins
1. When the power is turned on ,the SC5272 activates the Stand-By Mode.
2. It then searches for signal. If there is no signal received , it remains in the Stand-By Mode; otherwise, the
address bits are compared with the address configuration of the pins.
3. Whenever the address bits in frame match with that of the address configuration of the pin, the data bits are
stored into memory. Also, when this IC finds two continuous and identical data having the same address bits, the
data outputs is activated and the VT is enabled. The VT is disabled when there are two continuous mismatched
addresses. For the momentary type, the data output is reset; while for the latch type, the data output is sustained.
Power ON
Stand-By Mode
Singal IN ?
Address bits
match?
Address bits
match?
Activate VT
Address bits
still match?
Address bits
still match?
Disable VT &
Reset output Data
( for Momentary Type)
Yes
Yes
No
No
No
Yes
Yes
No
Disable VT &
Sustain output data
(For Latch Type)
No
Yes
Decoder With Data Output Pins


Similar Part No. - SC5272D-M2

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
More results

Similar Description - SC5272D-M2

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com