Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1704AQPWQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1704AQPWQ1
Description  2.2-V to 36-V, microPower Comparator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1704AQPWQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1704AQPWQ1 Datasheet HTML 1Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 2Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 3Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 4Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 5Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 6Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 7Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 8Page - Texas Instruments TLV1704AQPWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
200n
400n
600n
800n
1000n
1200n
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature ( C)
18 V Low-to-High
18 V High-to-Low
2.2 V Low-to-High
2.2 V High-to-Low
C012
V(PULLUP)
t
t
R(PULLUP)
V(th±)
V(th+)
VI
V(th±)
V(th+)
VO
+
_
VS
½
Device
+
_
VS
½
Device
VI
VO
V(PULLUP)
GND
GND
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV1701-Q1, TLV1702-Q1, TLV1704-Q1
SLOS890B – NOVEMBER 2015 – REVISED SEPTEMBER 2017
TLV170x-Q1 2.2-V to 36-V, microPower Comparator
1
1 Features
1
Qualified for Automotive Applications
AEC Q100-Qualified With the Following Results
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 3A
(TLV1701-Q1)
Device HBM ESD Classification Level 1C
(TLV1702-Q1,TLV1704-Q1)
Device CDM ESD Classification Level C5
Supply Range: 2.2 V to 36 V or ±1.1 V to ±18 V
Low Quiescent Current: 55 µA per Comparator
Input Common-Mode Range Includes Both Rails
Low Propagation Delay: 560 ns
Low Input Offset Voltage: 300 µV
Open Collector Outputs:
Up to 36 V Above Negative Supply Regardless
of Supply Voltage
Industrial Temperature Range: –40°C to +125°C
Small Packages:
Single: SOT23-5
Dual: VSSOP-8
Quad: TSSOP-14
2 Applications
Overvoltage and Undervoltage Detectors
Window Comparators
Overcurrent Detectors
Zero-Crossing Detectors
System Monitoring for:
White Goods
Automotive
Medical
3 Description
The TLV1701-Q1 (Single), TLV1702-Q1 (Dual) and
TLV1704-Q1 (Quad) devices offers a wide supply
range, rail-to-rail inputs, low quiescent current, and
low propagation delay. All these features come in
industry-standard, extremely-small packages, making
these devices the best general-purpose comparators
available.
The open collector output offers the advantage of
allowing the output to be pulled to any voltage rail up
to 36 V above the negative power supply, regardless
of the TLV170x-Q1 supply voltage.
The device is a microPower comparator. Low input
offset voltage, low input bias currents, low supply
current, and open-collector configuration make the
TLV170x-Q1 device flexible enough to handle almost
any application, from simple voltage detection to
driving a single relay.
The device is specified for operation across the
expanded industrial temperature range of –40°C to
+125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV1701-Q1
SOT-23 (5)
1.60 mm × 2.90 mm
TLV1702-Q1
VSSOP (8)
3.00 mm × 3.00 mm
TLV1704-Q1
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
TLV1702-Q1 as a Window Comparator
Stable Propagation Delay vs Temperature


Similar Part No. - TLV1704AQPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704AQPWQ1 TI1-TLV1704AQPWQ1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1704AQPWQ1 TI1-TLV1704AQPWQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1704AQPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com