Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGS-P9160GFM1-SS-SC-HV_US Datasheet(PDF) 9 Page - ORing Industrial Networking Corp

Part # RGS-P9160GFM1-SS-SC-HV_US
Description  Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-P9160GFM1-SS-SC-HV_US Datasheet(HTML) 9 Page - ORing Industrial Networking Corp

Back Button RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 7Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 8Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 9Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 10Page - ORing Industrial Networking Corp RGS-P9160GFM1-SS-SC-HV_US Datasheet HTML 11Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.8a Oct, 2017
RGS-P9160FXM1-SS-SC-HV_EU
Industrial IEC 61850-3 16-port modular rack mount managed Ethernet switch with
16x100Base-FX and 1 switch module slot, single-mode, 30Km/1310nm, SC connector,
high-voltage power inputs, EU power cord
RGS-P9160FXM1-MM-SC-HV_JP
Industrial IEC 61850-3 16-port modular rack mount managed Ethernet switch with
16x100Base-FX and 1 switch module slot, multi-mode, 2Km/1310nm, SC connector,
high-voltage power inputs, JP power cord
RGS-P9160FXM1-SS-SC-HV_JP
Industrial IEC 61850-3 16-port modular rack mount managed Ethernet switch with
16x100Base-FX and 1 switch module slot, single-mode, 30Km/1310nm, SC connector,
high-voltage power inputs, JP power cord
Packing List
O
Optional Accessories
O
RGS-P9160M1 series x 1
ORing Tool CD x 1
Quick Installation Guide x 1
Open-Vision M500 : Powerful Network Management Windows Utility Suit, 500 IP devices
SFP100M series : 100Mbps SFP optical transceiver
SFP 1G series : 1Gbps SFP optical transceiver
DR-45 series : 45 Watts DIN-Rail power supply
DR-75 series : 75 Watts DIN-Rail power supply
DR-120 series : 120 Watts DIN-Rail power supply
Rack-mount Kit x 1
Power Cable x 1
Console Cable x 1


Similar Part No. - RGS-P9160GFM1-SS-SC-HV_US

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160GFM2-HV_EU ORING-RGS-P9160GFM2-HV_EU Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GFM2-HV_JP ORING-RGS-P9160GFM2-HV_JP Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GFM2-HV_UK ORING-RGS-P9160GFM2-HV_UK Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GFM2-HV_US ORING-RGS-P9160GFM2-HV_US Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160GFM2-LV ORING-RGS-P9160GFM2-LV Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
More results

Similar Description - RGS-P9160GFM1-SS-SC-HV_US

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
IGS-9844GPF ORING-IGS-9844GPF Datasheet
2Mb / 6P
   Industrial 16-port managed Gigabit Ethernet switch
RDS-P3000 ORING-RDS-P3000 Datasheet
297Kb / 5P
   Industrial IEC 61850-3 modular rack mount Device Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com