Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5951 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC5951
Description  24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5951_17 Datasheet HTML 11Page - Texas Instruments TLC5951_17 Datasheet HTML 12Page - Texas Instruments TLC5951_17 Datasheet HTML 13Page - Texas Instruments TLC5951_17 Datasheet HTML 14Page - Texas Instruments TLC5951_17 Datasheet HTML 15Page - Texas Instruments TLC5951_17 Datasheet HTML 16Page - Texas Instruments TLC5951_17 Datasheet HTML 17Page - Texas Instruments TLC5951_17 Datasheet HTML 18Page - Texas Instruments TLC5951_17 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
45
40
35
30
25
20
15
10
5
0
0
0.5
2.0
3.0
OutputVoltage(V)
1.5
1.0
2.5
T =+25 C,V
=+5V,
DCXn=7FhwithHighAdjustmentRange
°
A
CC
BCX=FFh
I =40mA
O
I =30mA
O
I =20mA
O
I =2mA
O
I =5mA
O
I =10mA
O
45
44
43
42
41
40
39
38
37
36
35
0
0.5
2.0
3.0
OutputVoltage(V)
1.5
1.0
2.5
I
=40mA,V
=+5V,
DCXn=7FhwithHighAdjustmentRange
OLCMax
CC
BCX=FFh
T =+85 C
°
A
T = 40 C
-
°
A
T =+25 C
°
A
45
40
35
30
25
20
15
10
5
0
0
0.5
2.0
3.0
OutputVoltage(V)
1.5
1.0
2.5
T =+25 C,V
=+3.3V,
DCXn=7FhwithHighAdjustmentRange
°
A
CC
BCX=FFh
I =40mA
O
I =30mA
O
I =20mA
O
I =2mA
O
I =5mA
O
I =10mA
O
45
44
43
42
41
40
39
38
37
36
35
0
0.5
2.0
3.0
OutputVoltage(V)
1.5
1.0
2.5
I
=40mA,V
=+3.3V,
DCXn=7FhwithHighAdjustmentRange
OLCMax
CC
BCX=FFh
T =+85 C
°
A
T = 40 C
-
°
A
T =+25 C
°
A
100
10
1
0
10
30
40
Maximum Output Current (mA)
20
24
3.2
1.92
1.37
1.20
9.6
4.8
2.4
1.6
6000
5000
4000
3000
2000
1000
0
-40
-20
80
100
Free-AirTemperature( C)
°
0
20
40
60
TLC5951DAP,Soldered
TLC5951RHA
TLC5951DAP,NotSoldered
15
TLC5951
www.ti.com
SBVS127E – MARCH 2009 – REVISED JULY 2017
Product Folder Links: TLC5951
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C and VCC = 3.3 V, unless otherwise noted
Figure 7. Reference Resistor vs Output Current
Figure 8. Power Dissipation vs Temperature
Figure 9. Output Current vs Output Voltage
Figure 10. Output Current vs Output Voltage
Figure 11. Output Current vs Output Voltage
Figure 12. Output Current vs Output Voltage


Similar Part No. - TLC5951_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951RHAR TI1-TLC5951RHAR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951RHAT TI1-TLC5951RHAT Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5951_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com