Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5951 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC5951
Description  24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5951 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC5951_17 Datasheet HTML 7Page - Texas Instruments TLC5951_17 Datasheet HTML 8Page - Texas Instruments TLC5951_17 Datasheet HTML 9Page - Texas Instruments TLC5951_17 Datasheet HTML 10Page - Texas Instruments TLC5951_17 Datasheet HTML 11Page - Texas Instruments TLC5951_17 Datasheet HTML 12Page - Texas Instruments TLC5951_17 Datasheet HTML 13Page - Texas Instruments TLC5951_17 Datasheet HTML 14Page - Texas Instruments TLC5951_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
t ,t ,t ,t ,t ,t ,t
:
,t ,t ,t ,t ,t ,t ,t
R0
R1
F0
F1
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
INPUT
(1)
50%
50%
90%
10%
OUTPUT
t
D
t ort
R
F
V
orV
OL
OUTRn/Gn/BnL
V
orV
OH
OUTRn/Gn/BnH
GND
V
CC
T
,T
,T
,T
,T
:
WH0
WH1
WL0
WL1
WL2
INPUT
CLOCK
INPUT
(1)
DATA/CONTROL
INPUT
(1)
T
,T
,
T ,T
T
,T
,T
,
,T :
SU0
SU1
H0
H1
SU2
SU3
SU4
H2
T
SU
T
H
V
CC
V
CC
GND
V
CC
GND
GND
50%
50%
50%
T
WH
T
WL
11
TLC5951
www.ti.com
SBVS127E – MARCH 2009 – REVISED JULY 2017
Product Folder Links: TLC5951
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
Input-pulse rise and fall times are 1 ns to 3 ns.
Figure 1. Input Timing
(2)
Input-pulse rise and fall times are 1 ns to 3 ns.
Figure 2. Output Timing


Similar Part No. - TLC5951_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951DAP TI1-TLC5951DAP Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951DAPR TI1-TLC5951DAPR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951RHAR TI1-TLC5951RHAR Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951RHAT TI1-TLC5951RHAT Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
More results

Similar Description - TLC5951_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6C5724-Q1 TI1-TLC6C5724-Q1 Datasheet
775Kb / 53P
[Old version datasheet]   24-Channel, Full Diagnostics, Constant-Current LED Driver With 7-Bit Dot Correction and 12-Bit PWM Dimming
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com