Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGPS-9084GP-P_UK Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # RGPS-9084GP-P_UK
Description  Industrial 12-port rack mount managed Gigabit PoE Ethernet switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGPS-9084GP-P_UK Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  RGPS-9084GP-P_UK Datasheet HTML 1Page - ORing Industrial Networking Corp RGPS-9084GP-P_UK Datasheet HTML 2Page - ORing Industrial Networking Corp RGPS-9084GP-P_UK Datasheet HTML 3Page - ORing Industrial Networking Corp RGPS-9084GP-P_UK Datasheet HTML 4Page - ORing Industrial Networking Corp RGPS-9084GP-P_UK Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1-317
1-317
Designed for Rugged Excellence
Industrial Ethernet Switch Rack-Mount Managed Gigabit PoE Ethernet Switch
v1.0a / Sep, 2015
Specifications
ORing Switch Model
RGPS-9084GP-P
Physical Ports
10/100/1000 Base-T(X) Ports in RJ45
Auto MDI/MDIX with P.S.E
8
-40 ~ 60oC : provided total 240watts maximum, 60 ~ 75oC : provided total 120watts maximum
100/1000Base-X SFP Port
4
Technology
Ethernet Standards
IEEE 802.3 for 10BaseT
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3z for 1000Base-X
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1D for STP (Spanning Tree Protocol)
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
IEEE 802.3at PoE specification
MAC Table
8k
Packet Buffer
4Mbits
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 24Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range : VID 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Jumbo frame
Up to 9.6K Bytes
Software Features
STP/RSTP/MSTP (IEEE 802.1D/w/s)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/Relay
SMTP Client
Modbus TCP
NTP server
Network Redundancy
O-Ring
Open-Ring
O-Chain
Fast Recovery
MRP*NOTE
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1 (support backup unit DBU-01)
LED Indicators
Power indicator (PWR)
Green : Power indicator
Ring Master Indicator (R.M.)
Green : Indicate system operated in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicate system operated in O-Ring mode. Blinking to indicate Ring is broken.
*NOTE: This function is available by request only


Similar Part No. - RGPS-9084GP-P_UK

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP-LP_EU ORING-RGPS-92222GCP-NP-LP_EU Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP-LP_JP ORING-RGPS-92222GCP-NP-LP_JP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP-LP_UK ORING-RGPS-92222GCP-NP-LP_UK Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP-LP_US ORING-RGPS-92222GCP-NP-LP_US Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
More results

Similar Description - RGPS-9084GP-P_UK

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP ORING-IGPS-9084GP Datasheet
2Mb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
TGPS-9084GT-M12 ORING-TGPS-9084GT-M12 Datasheet
4Mb / 7P
    12-port managed Gigabit PoE Ethernet switch
IGPS-R9084GP ORING-IGPS-R9084GP Datasheet
1Mb / 6P
   Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
IGPS-9080 ORING-IGPS-9080 Datasheet
2Mb / 6P
   Industrial 8-port managed Gigabit PoE Ethernet switch
logo
Red Lion Controls. Inc
NT24K-12GX4-POE REDLION-NT24K-12GX4-POE Datasheet
580Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com