Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RES-9242GC_JP Datasheet(PDF) 3 Page - ORing Industrial Networking Corp

Part # RES-9242GC_JP
Description  Industrial 26-port rack mount managed Ethernet switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RES-9242GC_JP Datasheet(HTML) 3 Page - ORing Industrial Networking Corp

  RES-9242GC_JP Datasheet HTML 1Page - ORing Industrial Networking Corp RES-9242GC_JP Datasheet HTML 2Page - ORing Industrial Networking Corp RES-9242GC_JP Datasheet HTML 3Page - ORing Industrial Networking Corp RES-9242GC_JP Datasheet HTML 4Page - ORing Industrial Networking Corp RES-9242GC_JP Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
www.oring-networking.com
1-104
Industrial Ethernet Switch Rack-Mount Managed Ethernet Switch
v1.0a / Jun, 2016
Dimensions
(Unit=mm)
ORing Switch Model
RES-9242GC
Physical Ports
10/100Base-T(X) with RJ45 Auto MDI/MDIX
24
10/100/1000Base-T(X) RJ45 and 100/1000Base-X
SFP with combo port
2
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3ab for 1000Base-T
IEEE 802.3z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8k
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 8.8Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range : VID 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
Single 802.1x and Multiple 802.1x
MAC-based authentication
QoS assignment
MAC address limit
TACACS+
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Web and CLI authentication and authorization
Specifications


Similar Part No. - RES-9242GC_JP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
Ohmite Mfg. Co.
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
   All-welded construction
More results

Similar Description - RES-9242GC_JP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P3242GCL ORING-RES-P3242GCL Datasheet
1Mb / 4P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-92222GCP-NP ORING-RGS-92222GCP-NP Datasheet
1Mb / 6P
   Industrial 26-port managed Gigabit Ethernet switch
RES-1242P ORING-RES-1242P Datasheet
877Kb / 3P
   Industrial 26-port rack mount unmanaged Ethernet switch
RGS-9168GCP ORING-RGS-9168GCP Datasheet
581Kb / 7P
   Industrial 24-port rack mount managed Gigabit Ethernet switch
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
RGPS-9084GP-P ORING-RGPS-9084GP-P Datasheet
1Mb / 5P
   Industrial 12-port rack mount managed Gigabit PoE Ethernet switch
IES-3073GC ORING-IES-3073GC Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3082GP ORING-IES-3082GP Datasheet
1Mb / 4P
   Industrial 10-port managed Ethernet switch
IES-3160 ORING-IES-3160 Datasheet
1Mb / 4P
   Industrial 16-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com