Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RES-P3242GCL-LV Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # RES-P3242GCL-LV
Description  Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RES-P3242GCL-LV Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  RES-P3242GCL-LV Datasheet HTML 1Page - ORing Industrial Networking Corp RES-P3242GCL-LV Datasheet HTML 2Page - ORing Industrial Networking Corp RES-P3242GCL-LV Datasheet HTML 3Page - ORing Industrial Networking Corp RES-P3242GCL-LV Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
www.oring-networking.com
1-114
Available
Model
Model Name
Description
RES-P3242GCL-LV(Preliminary)
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch with 24x10/100Base-T(X) and 2xGigabit combo
ports, SFP socket, dual 12 ~ 36VDC power inputs
RES-P3242GCL-MV(Preliminary)
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch with 24x10/100Base-T(X) and 2xGigabit combo
ports, SFP socket, dual 36 ~ 72VDC power inputs
RES-P3242GCL-HV_US
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch with 24x10/100Base-T(X) and 2xGigabit combo
ports, SFP socket, Dual 88 ~ 300VDC / 100 ~ 240VAC power inputs, US power cord
RES-P3242GCL-HV_EU
Industrial IEC 61850-3 26-port rack mount managed Ethernet switch with 24x10/100Base-T(X) and 2xGigabit combo
ports, SFP socket, Dual 88 ~ 300VDC / 100 ~ 240VAC power inputs, EU power cord
Packing List
RES-P3242GCL
Rack-Mount Kit
Console Cable
ORing Tool CD
Quick Installation Guide
Optional Accessories (Can be purchased separately)
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP devices
SFP1G series, 1Gbps SFP optical transceiver
DR-45 series : 45 Watts DIN-Rail power supply
DR-75 series : 75 Watts DIN-Rail power supply
DR-120 series : 120 Watts DIN-Rail power supply
RES-P3 AA B CCL - DD
Ordering Information
Code Definition
10/100Base-T(X) Port Number
Additional Port Number
Additional Port Type
Model Type
Option
- 24: 24 ports
- 2: 2 ports
-GC: gigabit combo port
-LV : Dual 12 ~ 36VDC power inputs
-MV : Dual 36 ~ 72VDC power inputs
-HV : Dual 88 ~ 300VDC / 100 ~
240VAC power inputs
Industrial Ethernet Switch Rack-Mount Managed Ethernet Switch
Fault indicator
Amber : Indicate unexpected event occurred
10/100Base-T(X) RJ45 port indicator
Green at left for port Link/Act. Amber at right for 100Mbps indicator
10/100/1000Base-T(X) RJ45 port indicator with
combo port
Green at down for port Link/Act
1000Base-X SFP port indicator with combo port
Green at up for port Link/Act
Fault Contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Dual 24/48VDC(20~72VDC)power inputs
Dual 88 ~300VDC/100 ~ 240VAC power inputs
Power Consumption (Typ.)
21Watts
18Watts
Overload Current Protection
Present
Present on terminal block
Physical Characteristics
Dimensions (W x D x H)
443.7(W) x 262.7(D) x 44(H) mm (17.46 x 10.34 x 1.73 inch)
Weight (g)
3460g
3890g
Environmental
Operating Temperature
-40 to 85°C (-40 to 185°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
Power Automation
IEC 61850-3, IEEE 1613
EMI
FCC Part 15, CISPR (EN55022) class A, EN50155 (EN50121-3-2, EN55011, EN50121-4)
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS),
EN61000-4-8, EN61000-4-11
Warranty
5 years
v2.0a / Sep, 2012


Similar Part No. - RES-P3242GCL-LV

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
   Low Inductance
logo
ORing Industrial Networ...
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P9242GCL-HV_EU ORING-RES-P9242GCL-HV_EU Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P9242GCL-HV_JP ORING-RES-P9242GCL-HV_JP Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RES-P9242GCL-HV_UK ORING-RES-P9242GCL-HV_UK Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
More results

Similar Description - RES-P3242GCL-LV

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RES-P9242GCL ORING-RES-P9242GCL Datasheet
509Kb / 7P
   Industrial IEC 61850-3 26-port rack mount managed Ethernet switch
RGS-P9160M1 ORING-RGS-P9160M1 Datasheet
666Kb / 11P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
RGS-P9160M2 ORING-RGS-P9160M2 Datasheet
520Kb / 8P
   Industrial IEC 61850-3 16-port modular rack mount managed Gigabit Ethernet switch
IES-P3073GC ORING-IES-P3073GC Datasheet
2Mb / 5P
   Industrial IEC 61850-3 10-port managed Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
   Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
   Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RES-9242GC ORING-RES-9242GC Datasheet
1Mb / 5P
   Industrial 26-port rack mount managed Ethernet switch
RGS-92222GCP-NP ORING-RGS-92222GCP-NP Datasheet
1Mb / 6P
   Industrial 26-port managed Gigabit Ethernet switch
RES-1242P ORING-RES-1242P Datasheet
877Kb / 3P
   Industrial 26-port rack mount unmanaged Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com