Electronic Components Datasheet Search |
|
IGS-P9812GP-HV_US Datasheet(PDF) 4 Page - ORing Industrial Networking Corp |
|
IGS-P9812GP-HV_US Datasheet(HTML) 4 Page - ORing Industrial Networking Corp |
4 / 5 page 1-195 1-195 Designed for Rugged Excellence Processing Store-and-Forward Switch Properties Switching latency: 7 us Switching bandwidth: 40Gbps Max. Number of Available VLANs: 4095 VLAN ID Range: VID 1 to 4094 IGMP multicast groups: 256 for each VLAN Port rate limiting: User Define Https / SSH enhance network security Jumbo frame Up to 9.6K Bytes Security Features Device Binding security feature Enable/disable ports, MAC based port security Port based network access control (802.1x) VLAN (802.1Q ) to segregate and secure network traffic Radius centralized password management SNMPv3 encrypted authentication and access security Https / SSH enhance network security Software Features STP/RSTP/MSTP (IEEE 802.1D/w/s) Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units TOS/Diffserv supported Quality of Service (802.1p) for real-time traffic VLAN (802.1Q) with VLAN tagging and GVRP supported IGMP Snooping NTP Server SNMP v1/v2c/v3, MIB, RMON IP-based bandwidth management Application-based QoS management DOS/DDOS auto prevention Port configuration, status, statistics, monitoring, security DHCP Server/Client/Relay SMTP Client Modbus TCP NTP server Network Redundancy O-Ring Open-Ring O-Chain MRP*NOTE Fast Recovery MSTP (RSTP/STP compatible) RS-232 Serial Console Port RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1 LED indicators Power Indicator (PWR) Green : Power LED x 3 Ring Master Indicator (R.M.) Green : Indicates that the system is operating in O-Ring Master mode O-Ring Indicator (Ring) Green : Indicates that the system operating in O-Ring mode Green Blinking : Indicates that the Ring is broken. Fault Indicator (Fault) Amber : Indicate unexpected event occurred 10/100/1000Base-T(X) RJ45 Port Indicator Green for Link/Act. Dual color LED for speed indicator: Green for 1000Mbps, Amber for 100Mbps, Off-light for 10Mbps 100/1000Base-X SFP Port Indicator Green for port Link/Act. Fault contact Relay Relay output to carry capacity of 1A at 24VDC Power Redundant Input power Dual DC inputs. 12~48VDC on 6-pin terminal block Dual power inputs. 85~264VAC / 88~373VDC on 6-pin terminal block Power consumption (Typ.) 22 Watts 24 Watts Overload current protection Present Reverse Polarity Protection Present Physical Characteristic Enclosure IP-30 Dimension (W x D x H) 115 (W) x 159 (D) x 154 (H)mm (4.53 x 6.26 x 6.06 inch) Weight (g) 1520 g 1870 g Environmental Storage Temperature -40 to 85 oC (-40 to 185oF) Operating Temperature -40 to 75 oC (-40 to 167oF ) Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch v1.0a Sep, 2015 *NOTE: This function is available by request only |
Similar Part No. - IGS-P9812GP-HV_US |
|
Similar Description - IGS-P9812GP-HV_US |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |