Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCN2652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN2652
Description  Multi-protocol communications controller (MPCC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2652 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN2652 Datasheet HTML 1Page - NXP Semiconductors SCN2652 Datasheet HTML 2Page - NXP Semiconductors SCN2652 Datasheet HTML 3Page - NXP Semiconductors SCN2652 Datasheet HTML 4Page - NXP Semiconductors SCN2652 Datasheet HTML 5Page - NXP Semiconductors SCN2652 Datasheet HTML 6Page - NXP Semiconductors SCN2652 Datasheet HTML 7Page - NXP Semiconductors SCN2652 Datasheet HTML 8Page - NXP Semiconductors SCN2652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
2
1995 May 01
853-1068 15179
DESCRIPTION
The SCN2652/68652 Multi-Protocol Communications Controller
(MPCC) is a monolithic n-channel MOS LSI circuit that formats,
transmits and receives synchronous serial data while supporting
bit-oriented or byte control protocols. The chip is TTL compatible,
operates from a single +5V supply, and can interface to a processor
with an 8 or 16-bit bidirectional data bus.
APPLICATIONS
Intelligent terminals
Line controllers
Network processors
Front end communications
Remote data concentrators
Communication test equipment
Computer to computer links
FEATURES
DC to 2Mbps data rate
Bit-oriented protocols (BOP): SDLC, ADCCP, HDLC
Byte-control protocols (BCP): DDCMP, BISYNC (external CRC)
Programmable operation
– 8 or 16-bit tri-state data bus
– Error control – CRC or VRC or none
– Character length – 1 to 8 bits for BOP or 5 to 8 bits for BCP
– SYNC or secondary station address comparison for BCP-BOP
– Idle transmission of SYNC/FLAG or MARK for BCP-BOP
Automatic detection and generation of special BOP control
sequences, i.e., FLAG, ABORT, GA
Zero insertion and deletion for BOP
Short character detection for last BOP data character
SYNC generation, detection, and stripping for BCP
Maintenance mode for self-testing
TTL compatible
Single +5V supply
PIN CONFIGURATION
Pin Function
Pin Function
1NC
23 NC
2CE
24 A0
3
RxC
25 BYTE
4
RxSI
26 DBEN
5
S/F
27 DB07
6
RxA
28 DB06
7
RxDA
29 DB05
8
RxSA
30 DB04
9
RxE
31 DB03
10 GND
32 DB02
11
DB08
33 DB01
12 NC
34 NC
13 DB09
35 DB00
14 DB10
36 VCC
15 DB11
37 RESET
16 DB12
38 TxA
17 DB13
39 TxBE
18 DB14
40 TxU
19 DB15
41 TxE
20 R/W
42 TxSQ
21 A2
43 TxC
22 A1
44 MM
1
39
17
28
40
29
18
7
PLCC
6
TOP VIEW
INDEX
CORNER
NOTE: DB00 is least significant bit, highest number
(that is, DB15, A2) is most significant bit.
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
CE
RxC
RxSI
S/F
RxA
RxDA
RxSA
RxE
GND
DB08
DB09
DB10
DB11
DB12
DB13
DB14
DB15
R/W
A2
A1
A0
BYTE
DBEN
DB07
DB06
DB05
DB04
DB03
DB02
DB01
DB00
VCC
RESET
TxA
TxBE
TxU
TxE
TxSQ
TxC
MM
DIP
TOP VIEW
SD00057
Figure 1. Pin Configuration


Similar Part No. - SCN2652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652AC2A44 PHILIPS-SCN2652AC2A44 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652AC2F40 PHILIPS-SCN2652AC2F40 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
SCN2652AC2N40 PHILIPS-SCN2652AC2N40 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results

Similar Description - SCN2652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
82527 INTEL-82527 Datasheet
239Kb / 22P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
   SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
   MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
TriQuint Semiconductor
GP711 TRIQUINT-GP711 Datasheet
198Kb / 3P
   ZigBee Multi-Stack Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com