Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN92LV090SLC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN92LV090SLC
Description  9 Channel Bus LVDS Transceiver w/ Boundary SCAN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN92LV090SLC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  SCAN92LV090SLC Datasheet HTML 1Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 2Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 3Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 4Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 5Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 6Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 7Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 8Page - National Semiconductor (TI) SCAN92LV090SLC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings
(Notes 2, 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
4.0V
Enable Input Voltage
(DE, RE)
−0.3V to (V
CC +0.3V)
Driver Input Voltage (D
IN)
−0.3V to (V
CC +0.3V)
Receiver Output Voltage
(R
OUT)
−0.3V to (V
CC +0.3V)
Bus Pin Voltage (DO/RI±)
−0.3V to +3.9V
ESD (HBM 1.5 k
Ω, 100 pF)
>4.5 kV
Driver Short Circuit Duration
momentary
Receiver Short Circuit
Duration
momentary
Maximum Package Power Dissipation at 25˚C
LQFP
1.74 W
Derate LQFP Package
13.9 mW/˚C
θ
ja
71.7˚C/W
θ
jc
10.9˚C/W
Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (V
CC)
3.0
3.6
V
Receiver Input Voltage
0.0
2.4
V
Operating Free Air Temperature
−40
+85
˚C
Maximum Input Edge Rate
(Note 6)(20% to 80%)
∆t/∆V
Data
1.0
ns/V
Control
3.0
ns/V
DC Electrical Characteristics
Over recommended operating supply voltage and temperature ranges unless otherwise specified (Notes 2, 3)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
OD
Output Differential
Voltage
R
L =27
Ω, Figure 1
DO+/RI+,
DO−/RI−
240
300
460
mV
∆V
OD
V
OD Magnitude Change
27
mV
V
OS
Offset Voltage
1.1
1.3
1.5
V
∆V
OS
Offset Magnitude
Change
510
mV
V
OH
Driver Output High
Voltage
R
L =27
1.4
1.65
V
V
OL
Driver Output Low
Voltage
R
L =27
0.95
1.1
V
I
OSD
Output Short Circuit
Current (Note 10)
V
OD = 0V, DE = VCC, Driver outputs
shorted together
|36|
|65|
mA
V
OH
Voltage Output High
(Note 11)
V
ID = +300 mV
I
OH = −400 µA
R
OUT
V
CC−0.2
V
Inputs Open
V
CC−0.2
V
Inputs Terminated,
R
L =27
V
CC−0.2
V
V
OL
Voltage Output Low
I
OL = 2.0 mA, VID = −300 mV
0.05
0.075
V
I
OD
Receiver Output
Dynamic Current (Note
10)
V
ID = 300mV, VOUT =VCC−1.0V
−110
|75|
mA
V
ID = −300mV, VOUT = 1.0V
|75|
110
mA
V
TH
Input Threshold High
DE = 0V, V
CM = 1.5V
DO+/RI+,
DO−/RI−
+100
mV
V
TL
Input Threshold Low
−100
mV
V
CMR
Receiver Common Mode
Range
|V
ID|/2
2.4 −
|V
ID|/2
V
I
IN
Input Current
DE = 0V, RE = 2.4V,
V
IN = +2.4V or 0V
−25
±1
+25
µA
V
CC = 0V, VIN = +2.4V or 0V
−20
±1
+20
µA
www.national.com
4


Similar Part No. - SCAN92LV090SLC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN92LV090SLC NSC-SCAN92LV090SLC Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SCAN92LV090SLC TI1-SCAN92LV090SLC Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
SCAN92LV090SLC/NOPB TI1-SCAN92LV090SLC/NOPB Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
More results

Similar Description - SCAN92LV090SLC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090_06 Datasheet
352Kb / 14P
   9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
Texas Instruments
SCAN92LV090 TI1-SCAN92LV090_15 Datasheet
613Kb / 19P
[Old version datasheet]   SCAN92LV090 9 Channel Bus LVDS Transceiver w/ Boundary SCAN
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
   9 Channel Bus LVDS Transceiver
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
   9 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
[Old version datasheet]   9 Channel Bus LVDS Transceiver
DS92LV090AEP TI1-DS92LV090AEP Datasheet
308Kb / 14P
[Old version datasheet]   DS92LV090AEP 9 Channel Bus LVDS Transceiver
logo
National Semiconductor ...
SCAN92LV090 NSC-SCAN92LV090 Datasheet
30Kb / 1P
   9 Channel Bus LVDS Transceiver with 1149.1 Access
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
[Old version datasheet]   Embedded Boundary Scan Controller
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
logo
Texas Instruments
DS92LV040A TI1-DS92LV040A_14 Datasheet
998Kb / 17P
[Old version datasheet]   4 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com