Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN921226H Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN921226H
Description  High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921226H Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button SCAN921226H Datasheet HTML 4Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 5Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 6Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 7Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 8Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 9Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 10Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 11Page - National Semiconductor (TI) SCAN921226H Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Deserializer Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
HZR
HIGH to TRI-STATE
Delay
Figure 14
Rout(0-9)
2.8
10
ns
t
LZR
LOW to TRI-STATE
Delay
2.8
10
ns
t
ZHR
TRI-STATE to HIGH
Delay
4.2
10
ns
t
ZLR
TRI-STATE to LOW
Delay
4.2
10
ns
t
DSR1
Deserializer PLL Lock
Time from PWRDWN
(with SYNCPAT)
Figure 15
Figure 16
(Note 7)
20MHz
1.7
3.5
µs
80MHz
1.0
2.5
µs
t
DSR2
Deserializer PLL Lock
time from SYNCPAT
20MHz
0.65
1.5
µs
80MHz
0.29
0.8
µs
t
ZHLK
TRI-STATE to HIGH
Delay (power-up)
LOCK
3.7
12
ns
t
RNMI-R Ideal Noise Margin
Right
Figure 20
VCC = 3.15 to 3.6V
80MHz
+335
ps
VCC = 3.0V
+215
20MHz
+1
ns
t
RNMI-L
Ideal Noise Margin Left
Figure 20
VCC = 3.15 to 3.6V
80MHz
-395
ps
VCC = 3.0V
-520
20MHz
-1
ns
SCAN Circuitry Timing Requirements
Symbol
Parameter
Conditions
Min
Typ
Max
Units
f
MAX
Maximum TCK Clock
Frequency
R
L = 500
Ω,C
L = 35 pF
25.0
50.0
MHz
t
S
TDI to TCK, H or L
1.0
ns
t
H
TDI to TCK, H or L
2.0
ns
t
S
TMS to TCK, H or L
2.5
ns
t
H
TMS to TCK, H or L
1.5
ns
t
W
TCK Pulse Width, H or L
10.0
ns
t
W
TRST Pulse Width, L
2.5
ns
t
REC
Recovery Time, TRST to
TCK
2.0
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground except VOD,
∆VOD,
VTH and VTL which are differential voltages.
Note 4: tLLHT and tLHLT specifications are Guaranteed By Design (GBD) using statistical analysis.
Note 5: Because the Serializer is in TRI-STATE mode, the Deserializer will lose PLL lock and have to resynchronize before data transfer.
Note 6: tDJIT specifications are Guaranteed By Design using statistical analysis.
Note 7: For the purpose of specifying deserializer PLL performance, tDSR1 and tDSR2 are specified with the REFCLK running and stable, and with specific
conditions for the incoming data stream (SYNCPATs). It is recommended that the derserializer be initialized using either tDSR1 timing or tDSR2 timing. tDSR1 is the
time required for the deserializer to indicate lock upon power-up or when leaving the power-down mode. Synchronization patterns should be sent to the device before
initiating either condition. tDSR2 is the time required to indicate lock for the powered-up and enabled deserializer when the input (RI+ and RI-) conditions change from
not receiving data to receiving synchronization patterns (SYNCPATs).
Note 8: tRNM is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors occur. The Deserializer Noise
Margin is Guaranteed By Design (GBD) using statistical analysis.
www.national.com
8


Similar Part No. - SCAN921226H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921226HSM NSC-SCAN921226HSM Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921226HSM TI1-SCAN921226HSM Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921226HSM/NOPB TI1-SCAN921226HSM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results

Similar Description - SCAN921226H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025H TI1-SCAN921025H_15 Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com