Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGPS-9080-NP Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IGPS-9080-NP
Description  Industrial 8-port managed Gigabit PoE Ethernet switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGPS-9080-NP Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IGPS-9080-NP Datasheet HTML 1Page - ORing Industrial Networking Corp IGPS-9080-NP Datasheet HTML 2Page - ORing Industrial Networking Corp IGPS-9080-NP Datasheet HTML 3Page - ORing Industrial Networking Corp IGPS-9080-NP Datasheet HTML 4Page - ORing Industrial Networking Corp IGPS-9080-NP Datasheet HTML 5Page - ORing Industrial Networking Corp IGPS-9080-NP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-339
1-339
Designed for Rugged Excellence
PoE Pin Definition
10/100Base-T(X) P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
TD+ with PoE Power input +
#2
TD- with PoE Power input +
#3
RD+ with PoE Power input -
#6
RD- with PoE Power input -
1000Base-T P.S.E. RJ-45 Port
RJ-45 Pin Definition
Pin No.
Description
#1
BI_DA+ with PoE Power input +
#2
BI_DA- with PoE Power input +
#3
BI_DB+ with PoE Power input -
#4
BI_DC+
#5
BI_DC-
#6
BI_DB- with PoE Power input -
#7
BI_DD+
#8
BI_DD-
ORing Switch Model
IGPS-9080
IGPS-9080-NP
IGPS-9080-24V
IGPS-9080-NP-24V
Physical Ports
10/100/1000Base-T(X) with P.S.E. Ports in RJ45 Auto
MDI/MDIX
8
Specifications
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3ab for 1000Base-T
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
IEEE 1588v2 clock synchronization
IEEE 802.3at PoE specification (up to 30 Watts per port for P.S.E.)
PoE Output Watts
240 Watts Max.
12 ~24VDC : 60Watts Max.
24 ~ 57VDC : 120Watts Max.
MAC Table
8k
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 μs
Switching bandwidth: 28Gbps
Max. Number of Available VLANs : 4095
VLAN ID Range : 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
v1.0a / Feb, 2013
Industrial Ethernet Switch DIN-Rail Managed Gigabit PoE Ethernet Switch


Similar Part No. - IGPS-9080-NP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-9084GP ORING-IGPS-9084GP Datasheet
2Mb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
More results

Similar Description - IGPS-9080-NP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
TGPS-9080-M12A-MV ORING-TGPS-9080-M12A-MV Datasheet
4Mb / 6P
    8-port managed Gigabit PoE Ethernet switch
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9084GP ORING-IGPS-9084GP Datasheet
2Mb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
logo
Red Lion Controls. Inc
NT24K-12GX4-POE REDLION-NT24K-12GX4-POE Datasheet
580Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12SFP-DM4-POE REDLION-NT24K-12SFP-DM4-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14FX6-POE REDLION-NT24K-14FX6-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com