Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-1042FX-MM-SC Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IES-1042FX-MM-SC
Description  Industrial slim type 5-port/6-port unmanaged Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-1042FX-MM-SC Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IES-1042FX-MM-SC Datasheet HTML 1Page - ORing Industrial Networking Corp IES-1042FX-MM-SC Datasheet HTML 2Page - ORing Industrial Networking Corp IES-1042FX-MM-SC Datasheet HTML 3Page - ORing Industrial Networking Corp IES-1042FX-MM-SC Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-273
1-273
Designed for Rugged Excellence
IES-1041FX / 1042FX Series
IES-1041FX series provide 4x10/100Base-T(X) and 1x100Base-FX
single/multi-mode fiber ports
IES-1042FX series provide 4x10/100Base-T(X) and 2x100Base-FX
single/multi-mode fiber ports
Support auto-negotiation and auto-MDI/MDI-X
Support store-and-forward transmission
Support flow control
Support surge protection technology
Warning system by relay output
Rigid IP-30 housing design
DIN-Rail and wall mounting enabled
IES-1041FX/1042FX series are unmanaged Ethernet switches with 4 x 10/100Base-T(X) and 100Base-FX ports. IES-1041FX/1042FX series support
redundant power inputs, configurable relay output alarm and rigid IP-30 housing. In addition, the wide operating temperature range from -40 to 70°C can
satisfy most of operating environment.
IES-1041FX/1042FX series can be used in connecting several Ethernet devices like Ethernet I/O, IP-Camera or other Ethernet switches. In addition, there
are two different power inputs at terminal block to avoid interruption caused by power down. When the primary DC power input fails, the backup power
input will take over immediately to guarantee a non-stop operation.
Connections of Ethernet devices
Industrial slim type 5-port/6-port unmanaged Ethernet switch
Introduction
Practical Operation
Features
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
v1.5 / Dec, 2011
IES-1042FX Series
IES-1041FX Series


Similar Part No. - IES-1042FX-MM-SC

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
   Industrial 5-port Unmanaged Ethernet Switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
IES-1062FX-MM-SC ORING-IES-1062FX-MM-SC Datasheet
938Kb / 4P
   Industrial 8-port unmanaged Ethernet switch
IES-1062FX-SS-SC ORING-IES-1062FX-SS-SC Datasheet
938Kb / 4P
   Industrial 8-port unmanaged Ethernet switch
More results

Similar Description - IES-1042FX-MM-SC

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
   Industrial 6-port slim type unmanaged Gigabit Ethernet switch
IPS-1042FA ORING-IPS-1042FA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged PoE Ethernet switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IGPS-1042GPA ORING-IGPS-1042GPA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged Gigabit PoE Ethernet switch
IGS-1080A ORING-IGS-1080A Datasheet
825Kb / 3P
   Industrial 8-port slim type unmanaged Gigabit Ethernet switch
IPS-1080A ORING-IPS-1080A Datasheet
1Mb / 3P
   Industrial 8-port slim type unmanaged PoE Ethernet switch
logo
Red Lion Controls. Inc
306TX REDLION-306TX Datasheet
639Kb / 3P
   Unmanaged 6 Port Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
   Industrial 5-port Unmanaged Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com