Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IES-1041FX Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IES-1041FX
Description  Industrial slim type 5-port/6-port unmanaged Ethernet switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IES-1041FX Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IES-1041FX Datasheet HTML 1Page - ORing Industrial Networking Corp IES-1041FX Datasheet HTML 2Page - ORing Industrial Networking Corp IES-1041FX Datasheet HTML 3Page - ORing Industrial Networking Corp IES-1041FX Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
www.oring-networking.com
1-274
Dimensions
(Unit=mm)
ORing Switch Model
IES-1041FX-MM-SC
IES-1041FX-SS-SC
IES-1042FX-MM-SC
IES-1042FX-SS-SC
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX
4
4
4
4
Fiber Ports Specifications
Fiber Ports Number
1
1
2
2
Fiber Ports Standard
100Base-FX
100Base-FX
100Base-FX
100Base-FX
Fiber Mode
Multi-mode
Single-mode
Multi-mode
Single-mode
Fiber Diameter (µm)
62.5/125 µm
50/125 µm
9/125 µm
62.5/125 µm
50/125 µm
9/125 µm
Fiber Optical Connector
SC
SC
SC
SC
Typical Distance (km)
2 km
30 km
2 km
30 km
Wavelength (nm)
1310 nm
1310 nm
1310 nm
1310 nm
Max. Output Optical
Power (dBm)
-14 dBm
-8 dBm
-14 dBm
-8 dBm
Min. Output Optical
Power (dBm)
-23.5 dBm
-15 dBm
-23.5 dBm
-15 dBm
Max. Input Optical Power
(Saturation)
0 dBm
0 dBm
0 dBm
0 dBm
Min. Input Optical Power
(Sensitivity)
-31 dBm
-34 dBm
-31 dBm
-34 dBm
Link Budget (dB)
7.5 dB
19 dB
7.5 dB
19 dB
Specifications
Industrial Ethernet Switch DIN-Rail Unmanaged Ethernet Switch
v1.5 / Dec, 2011


Similar Part No. - IES-1041FX

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
   Industrial 5-port Unmanaged Ethernet Switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
IES-1062FX-MM-SC ORING-IES-1062FX-MM-SC Datasheet
938Kb / 4P
   Industrial 8-port unmanaged Ethernet switch
IES-1062FX-SS-SC ORING-IES-1062FX-SS-SC Datasheet
938Kb / 4P
   Industrial 8-port unmanaged Ethernet switch
More results

Similar Description - IES-1041FX

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
   Industrial 6-port slim type unmanaged Gigabit Ethernet switch
IPS-1042FA ORING-IPS-1042FA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged PoE Ethernet switch
IES-1050A ORING-IES-1050A Datasheet
787Kb / 3P
   Industrial Slim Type 5/8-port unmanaged Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
   Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IGPS-1042GPA ORING-IGPS-1042GPA Datasheet
1Mb / 4P
   Industrial 6-port slim type unmanaged Gigabit PoE Ethernet switch
IGS-1080A ORING-IGS-1080A Datasheet
825Kb / 3P
   Industrial 8-port slim type unmanaged Gigabit Ethernet switch
IPS-1080A ORING-IPS-1080A Datasheet
1Mb / 3P
   Industrial 8-port slim type unmanaged PoE Ethernet switch
logo
Red Lion Controls. Inc
306TX REDLION-306TX Datasheet
639Kb / 3P
   Unmanaged 6 Port Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
   5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IES-1050 ORING-IES-1050 Datasheet
551Kb / 3P
   Industrial 5-port Unmanaged Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com