Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB772NUJ3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB772NUJ3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB772NUJ3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB772NUJ3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB772NUJ3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C631J3
Issued Date : 2017.10.06
Revised Date:
Page:2/7
BTB772NUJ3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-12
V
DC
-3
A
Collector Current
Pulse
IC
-7
*1
A
Ta=25℃
1
Power Dissipation
Tc=25℃
PD
10
W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-55~+150
°C
Note : *1. Single Pulse Pw 300μs,
Duty 2%
.
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient, max
RθJA
125
Thermal Resistance, Junction-to-Case, max
RθJC
12.5
°C/W
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-50μA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-12
-
-
V
IE=-50μA, IC=0
ICBO
-
-
-100
nA
VCB=-30V, IE=0
IEBO
-
-
-100
nA
VEB=-12V, IC=0
*VCE(sat)
-
-0.2
-0.5
V
IC=-2A, IB=-0.2A
*VBE(sat)
-
-1
-1.5
V
IC=-2A, IB=-0.2A
*hFE 1
120
-
-
-
VCE=-2V, IC=-20mA
*hFE 2
160
-
320
-
VCE=-2V, IC=-500mA
fT
-
80
-
MHz
VCE=-5V, IE=-0.1A, f=100MHz
Cob
-
26
-
pF
VCB=-10V, f=1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Classification Of hFE 2
Rank
P
Range
180~320


Similar Part No. - BTB772NUJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB772NUT3 CYSTEKEC-BTB772NUT3 Datasheet
283Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772NUT3-X-BL-X CYSTEKEC-BTB772NUT3-X-BL-X Datasheet
283Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB772NUJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com