Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSN74LVC1G38DPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # PSN74LVC1G38DPWR
Description  Single 2-Input NAND Gate With Open-Drain Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PSN74LVC1G38DPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PSN74LVC1G38DPWR Datasheet HTML 3Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 4Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 5Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 6Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 7Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 8Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 9Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 10Page - Texas Instruments PSN74LVC1G38DPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
IOL (mA)
0
5
10
15
20
25
30
35
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
VOL_
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
7
SN74LVC1G38
www.ti.com
SCES538F – JANUARY 2004 – REVISED OCTOBER 2017
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.8 Switching Characteristics, CL = 30 pF or 50 pF, –40°C to +125°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tpd
A or B
Y
TA = –40°C to +125°C
VCC = 1.8 V ± 0.15 V
2.8
11
ns
VCC = 2.5 V ± 0.2 V
1.6
6.5
VCC = 3.3 V ± 0.3 V
1.4
5
VCC = 5 V ± 0.5 V
1
4.4
6.9 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
VCC = 1.8 V
3
pF
VCC = 2.5 V
3
VCC = 3.3 V
4
VCC = 5 V
6
6.10 Typical Characteristics
Figure 1. Typical IOL vs. VOL (TA = 25°C)


Similar Part No. - PSN74LVC1G38DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PSN74LVC1G38DPWR TI1-PSN74LVC1G38DPWR Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
More results

Similar Description - PSN74LVC1G38DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com