Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-38SX5C-T Datasheet(PDF) 5 Page - Willow Technologies Ltd

Part # CCP-38SX5C-T
Description  Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-38SX5C-T Datasheet(HTML) 5 Page - Willow Technologies Ltd

  CCP-38SX5C-T Datasheet HTML 1Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 2Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 3Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 4Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 5Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 6Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 7Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 8Page - Willow Technologies Ltd CCP-38SX5C-T Datasheet HTML 9Page - Willow Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCP-38S Page 5
CCP-38S\072013\Q3
Series CCP-38S
Low PIM Multi-Throw DC–3 GHz
Normally Open Coaxial Switch
COAX SWITCHES
TRUTH TABLE Normally Open
CCP-38SX4C-TD
Logic Input
RF Path
Indicator
Switches
123
J1
J2
J3
J4
E
F
G
H
000
On
Off
Off
Off
C
000
100
Off
On
Off
Off
0
C
00
010
Off
Off
On
Off
0
0
C
0
1
1
0
Off
Off
Off
On
000
C
1
1
1
Off
Off
Off
Off
0
0
0
0
TRUTH TABLE Normally Open
CCP-38SX3C-TD
Logic
Input
RF Path
Indicator
Switches
12
J1
J2
J3
E
F
G
00
On
Off
Off
C
00
10
Off
On
Off
0
C
0
01
Off
Off
On
00
C
1
1
Off
Off
Off
0
0
0
TRUTH TABLE Normally Open
CCP-38SX3C-T
Logic
Input
RF Path
Indicator
Switches
123
J1
J2
J3
E
F
G
100
On
Off
Off
C
00
010
Off
On
Off
0
C
0
001
Off
Off
On
00
C
TRUTH TABLE Normally Open
CCP-38SX4C-T
Logic Input
RF Path
Indicator
Switches
1234
J1
J2
J3
J4
E
F
G
H
1000
On
Off
Off
Off
C
000
0100
Off
On
Off
Off
0
C
00
0010
Off
Off
On
Off
0
0
C
0
0001
Off
Off
Off
On
000
C


Similar Part No. - CCP-38SX5C-T

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-38SX5C-T TELEDYNE-CCP-38SX5C-T Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX5C-TD TELEDYNE-CCP-38SX5C-TD Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX5C-TDM TELEDYNE-CCP-38SX5C-TDM Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX5C-TDMS TELEDYNE-CCP-38SX5C-TDMS Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
CCP-38SX5C-TDS TELEDYNE-CCP-38SX5C-TDS Datasheet
591Kb / 10P
   Normally Open Coaxial Switch
More results

Similar Description - CCP-38SX5C-T

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
logo
Teledyne Technologies I...
CT-48K TELEDYNE-CT-48K Datasheet
866Kb / 10P
   Internal 50Ω Termination DC-40 GHz Normally Open Multi-Throw Coaxial Switch
04/2019
logo
Willow Technologies Ltd
CCR-39S WILLOW-CCR-39S Datasheet
780Kb / 10P
   Commercial Latching Multi-throw, DC-12GHz
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
ISOCOM COMPONENTS
ISP06 ISOCOM-ISP06 Datasheet
982Kb / 12P
   Normally Open Single Pole Single Throw Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com