Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB16CKW01-5C-CB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB16CKW01-5C-CB
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB16CKW01-5C-CB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB16CKW01-5C-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. HB16CKW01-5C-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series HB
Subminiature Pushbuttons
D12
D
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
0.1A maximum @ 30V AC/DC
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
100 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
3.43N
Contact Timing:
Nonshorting (break before make)
Travel:
Pretravel .087” (2.2mm); Overtravel .031” (0.8mm); Total Travel .118” (3.0mm)
Materials & Finishes
Housing:
Glass fiber reinforced polyamide
Base:
Glass fiber reinforced polyamide
Movable Contact:
Phosphor bronze with silver plating
Stationary Contacts:
Phosphor bronze with silver plating
Common Terminal:
Phosphor bronze with silver plating
End Terminals:
Phosphor bronze with silver plating
Lamp Terminals:
Phosphor bronze with silver plating
Environmental Data
Operating Temperature Range:
–25°C through +50°C (–13°F through +122°F) for Illuminated
–25°C through +70°C (–13°F through +158°F) for Nonilluminated
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
0.49Nm (4.34 lbin) maximum for round mounting nut
Cap Installation Force:
9.8N (2.2 lbf) maximum downward force on cap
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section
.
Standards & Certifications
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” before first dash in part number to order UL recognized switch.
All models recognized at 0.1A @ 30V AC/DC.


Similar Part No. - HB16CKW01-5C-CB

ManufacturerPart #DatasheetDescription
Nihon Kaiheiki Industry Co. Ltd.
Nihon Kaiheiki Industry...
HB16CKW01-5C-CB NKK-HB16CKW01-5C-CB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
GREATECS
GREATECS
HB16CKW01-5C-CB GREATECS-HB16CKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
Nihon Kaiheiki Industry Co. Ltd.
Nihon Kaiheiki Industry...
HB16CKW01-5C-CB NKK-HB16CKW01-5C-CB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
List of Unclassifed Manufacturers
List of Unclassifed Man...
HB16CKW01-5C-CB ETC2-HB16CKW01-5C-CB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results

Similar Description - HB16CKW01-5C-CB

ManufacturerPart #DatasheetDescription
AVX Corporation
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
   General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
   General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
List of Unclassifed Manufacturers
List of Unclassifed Man...
A22K1H-DA ETC2-A22K1H-DA Datasheet
241Kb / 7P
   General Specifications
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
AVX Corporation
AVX Corporation
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com