Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G38 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G38
Description  Single 2-Input NAND Gate With Open-Drain Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1G38 Datasheet HTML 2Page - Texas Instruments SN74LVC1G38 Datasheet HTML 3Page - Texas Instruments SN74LVC1G38 Datasheet HTML 4Page - Texas Instruments SN74LVC1G38 Datasheet HTML 5Page - Texas Instruments SN74LVC1G38 Datasheet HTML 6Page - Texas Instruments SN74LVC1G38 Datasheet HTML 7Page - Texas Instruments SN74LVC1G38 Datasheet HTML 8Page - Texas Instruments SN74LVC1G38 Datasheet HTML 9Page - Texas Instruments SN74LVC1G38 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
SN74LVC1G38
SCES538F – JANUARY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VOL
IOL = 100 µA
TA = –40°C to +85°C
1.65 V to
5.5 V
0.1
V
TA = –40°C to +1255°C
IOL = 4 mA
TA = –40°C to +85°C
1.65 V
0.45
TA = –40°C to +1255°C
IOL = 8 mA
TA = –40°C to +85°C
2.3 V
0.3
TA = –40°C to +1255°C
IOL = 16 mA
TA = –40°C to +85°C
3 V
0.4
TA = –40°C to +1255°C
IOL = 24 mA
TA = –40°C to +85°C
0.55
TA = –40°C to +1255°C
IOL = 32 mA
TA = –40°C to +85°C
4.5 V
0.55
TA = –40°C to +1255°C
II
A or B inputs
VI = 5.5 V or GND
TA = –40°C to +85°C
1.65 V to
5.5 V
±1
µA
TA = –40°C to +1255°C
Ioff
VI or VO = 5.5 V
TA = –40°C to +85°C
0
±10
µA
TA = –40°C to +1255°C
ICC
VI = 5.5 V or GND, IO = 0
TA = –40°C to +85°C
1.65 V to
5.5 V
10
µA
TA = –40°C to +1255°C
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
TA = –40°C to +85°C
3 V to 5.5 V
500
µA
TA = –40°C to +1255°C
Ci
VI = VCC or GND
3.3 V
3.5
pF
Co
VO = VCC or GND
3.3 V
4.5
pF
6.6 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tpd
A or B
Y
TA = –40°C to +85°C
VCC = 1.8 V ± 0.15 V
2.9
7.4
ns
VCC = 2.5 V ± 0.2 V
1.7
3.8
VCC = 3.3 V ± 0.3 V
1.5
4.9
VCC = 5 V ± 0.5 V
0.9
2.4
6.7 Switching Characteristics, CL = 30 pF or 50 pF, –40°C to +85°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tpd
A or B
Y
TA = –40°C to +85°C
VCC = 1.8 V ± 0.15 V
2.8
10
ns
VCC = 2.5 V ± 0.2 V
1.6
6
VCC = 3.3 V ± 0.3 V
1.4
4.5
VCC = 5 V ± 0.5 V
1
3.9


Similar Part No. - SN74LVC1G38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
SN74LVC1G38 TI1-SN74LVC1G38 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G386 TI-SN74LVC1G386 Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
SN74LVC1G386 TI1-SN74LVC1G386 Datasheet
1Mb / 23P
[Old version datasheet]   Single 3-Input Positive-XOR Gate
More results

Similar Description - SN74LVC1G38

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com