Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G38_017 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC1G38_017
Description  Single 2-Input NAND Gate With Open-Drain Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G38_017 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G38_017 Datasheet HTML 6Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 7Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 8Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 9Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 10Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 11Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 12Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 13Page - Texas Instruments SN74LVC1G38_017 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
1
2
4
A
B
Y
10
SN74LVC1G38
SCES538F – JANUARY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74LVC1G38
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74LVC1G38 device is designed for 1.65-V to 5.5-V VCC operation.
This device is a single two-input NAND buffer gate with open-drain output.
It performs the Boolean function Y = A × B or Y = A + B in positive logic.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs
when the device is powered down. This inhibits current backflow into the device which prevents damage to the
device.
8.2 Functional Block Diagram
Figure 4. Logic Diagram (Positive Logic)
8.3 Feature Description
8.3.1 High-Drive Open-Drain Output
The open-drain output allows the device to sink current when the output is LOW and maintains a high impedance
state when the output is HIGH. The high drive capability of this device creates fast edges into light loads so
routing and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are
capable of driving larger currents than the device can sustain without being damaged. It is important for the
power output of the device to be limited to avoid thermal runaway and damage due to over-current. The electrical
and thermal limits defined the in the Absolute Maximum Ratings must be followed at all times.
8.3.2 Standard CMOS Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor in parallel with the input
capacitance given in the Electrical Characteristics. The worst case resistance is calculated with the maximum
input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage current, given in the
Electrical Characteristics, using ohm's law (R = V ÷ I).
Signals applied to the inputs need to have fast edge rates, as defined by Δt/Δv in Recommended Operating
Conditions to avoid excessive currents and oscillations. If a slow or noisy input signal is required, a device with a
Schmitt-trigger input should be used to condition the input signal prior to the standard CMOS input.


Similar Part No. - SN74LVC1G38_017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G386 TI-SN74LVC1G386 Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
SN74LVC1G386 TI1-SN74LVC1G386 Datasheet
1Mb / 23P
[Old version datasheet]   Single 3-Input Positive-XOR Gate
SN74LVC1G386DBVR TI-SN74LVC1G386DBVR Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
SN74LVC1G386DBVR TI1-SN74LVC1G386DBVR Datasheet
1Mb / 23P
[Old version datasheet]   Single 3-Input Positive-XOR Gate
SN74LVC1G386DCKR TI-SN74LVC1G386DCKR Datasheet
270Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-XOR GATE
More results

Similar Description - SN74LVC1G38_017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com