Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G240DCK Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AUP1G240DCK
Description  Low-Power Single Inverter With 3-State Output
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G240DCK Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G240DCK Datasheet HTML 7Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 8Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 9Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 10Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 11Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 12Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 13Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 14Page - Texas Instruments SN74AUP1G240DCK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AUP
LVC
AUP
AUP
LVC
Static-PowerConsumption
( A)
m
Dynamic-PowerConsumption
(pF)
Single,dual,andtriplegates.
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
11
SN74AUP1G240
www.ti.com
SCES627D – MARCH 2005 – REVISED OCTOBER 2017
Product Folder Links: SN74AUP1G240
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
6.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
f = 10 MHz
0.8 V
4
pF
1.2 V ± 0.1 V
3.9
1.5 V ± 0.1 V
3.9
1.8 V ± 0.15 V
3.9
2.5 V ± 0.2 V
4
3.3 V ± 0.3 V
4.2
Outputs disabled
0.8 V
0
1.2 V ± 0.1 V
0
1.5 V ± 0.1 V
0
1.8 V ± 0.15 V
0
2.5 V ± 0.2 V
0
3.3 V ± 0.3 V
0
6.11 Typical Characteristics
Figure 1. AUP – The Lowest-Power Family


Similar Part No. - SN74AUP1G240DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240DCK TI1-SN74AUP1G240DCK Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DCKR TI-SN74AUP1G240DCKR Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240DCKR TI-SN74AUP1G240DCKR Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240DCKR TI1-SN74AUP1G240DCKR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DCKT TI-SN74AUP1G240DCKT Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

Similar Description - SN74AUP1G240DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI1-SN74AUP1G240_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
   Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
   Hex Inverter Buffer with 3-State Output
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com