Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G17DSFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G17DSFR
Description  Low-Power Single Schmitt-Trigger Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G17DSFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AUP1G17DSFR Datasheet HTML 6Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 7Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 8Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 9Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 10Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 11Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 12Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 13Page - Texas Instruments SN74AUP1G17DSFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 MW
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 W, tr/tf = 3 ns.
C. The outputs are measured one at a time, with one transition per measurement.
D. tPLH and tPHL are the same as tpd.
E. All parameters and waveforms are not applicable to all devices.
VM
VM
VM
VM
VM
5, 10, 15, 30 pF
VCC/2
VCC
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
CL
VM
VI
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
th
tsu
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
10
SN74AUP1G17
SCES579J – JUNE 2004 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G17
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
7 Parameter Measurement Information
7.1 Propagation Delays, Setup and Hold Times, and Pulse Duration
Figure 3. Load Circuit And Voltage Waveforms


Similar Part No. - SN74AUP1G17DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17DSFR TI-SN74AUP1G17DSFR Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17DSFR TI-SN74AUP1G17DSFR Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP1G17DSFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com