Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G14YFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14YFPR
Description  Low-Power Single Schmitt-Trigger Inverter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G14YFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G14YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G14YFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
SN74AUP1G14
SCES578J – JUNE 2003 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: SN74AUP1G14
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ΔVT
Hysteresis
(VT+ – VT– )
TA = 25°C
0.8 V
0.07
0.5
V
TA = –40°C to +85°C
TA = 25°C
1.1 V
0.08
0.46
TA = –40°C to +85°C
TA = 25°C
1.4 V
0.18
0.56
TA = –40°C to +85°C
TA = 25°C
1.65 V
0.27
0.66
TA = –40°C to +85°C
TA = 25°C
2.3 V
0.53
0.92
TA = –40°C to +85°C
TA = 25°C
3 V
0.79
1.31
TA = –40°C to +85°C
VOH
IOH = –20 µA
TA = 25°C
0.8 V to 3.6 V
VCC – 0.1
V
TA = –40°C to +85°C
IOH = –1.1 mA
TA = 25°C
1.1 V
0.75 × VCC
TA = –40°C to +85°C
0.7 × VCC
IOH = –1.7 mA
TA = 25°C
1.4 V
1.11
TA = –40°C to +85°C
1.03
IOH = –1.9 mA
TA = 25°C
1.65 V
1.32
TA = –40°C to +85°C
1.3
IOH = –2.3 mA
TA = 25°C
2.3 V
2.05
TA = –40°C to +85°C
1.97
IOH = –3.1 mA
TA = 25°C
1.9
TA = –40°C to +85°C
1.85
IOH = –2.7 mA
TA = 25°C
3 V
2.72
TA = –40°C to +85°C
2.67
IOH = –4 mA
TA = 25°C
2.6
TA = –40°C to +85°C
2.55
VOL
IOL = 20 μA
TA = 25°C
0.8 V to 3.6 V
0.1
V
TA = –40°C to +85°C
IOL = 1.1 mA
TA = 25°C
1.1 V
0.3 ×
VCC
TA = –40°C to +85°C
IOL = 1.7 mA
TA = 25°C
1.4 V
0.31
TA = –40°C to +85°C
0.37
IOL = 1.9 mA
TA = 25°C
1.65 V
0.31
TA = –40°C to +85°C
0.35
IOL = 2.3 mA
TA = 25°C
2.3 V
0.31
TA = –40°C to +85°C
0.33
IOL = 3.1 mA
TA = 25°C
0.44
TA = –40°C to +85°C
0.45
IOL = 2.7 mA
TA = 25°C
3 V
0.31
TA = –40°C to +85°C
0.33
IOL = 4 mA
TA = 25°C
0.44
TA = –40°C to +85°C
0.45
II
A input
VI = GND to 3.6 V
TA = 25°C
0 V to 3.6 V
0.1
µA
TA = –40°C to +85°C
0.5
IOFF
VI or
VO = 0 V to 3.6 V
TA = 25°C
0 V
0.2
µA
TA = –40°C to +85°C
0.6
ΔI OFF
VI or
VO = 0 V to 3.6 V
TA = 25°C
0 V to 0.2 V
0.2
TA = –40°C to +85°C
0.6


Similar Part No. - SN74AUP1G14YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14YFPR TI-SN74AUP1G14YFPR Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14YFPR TI-SN74AUP1G14YFPR Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14YFPR TI1-SN74AUP1G14YFPR Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - SN74AUP1G14YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com