Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSN74AUP1G14DPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # PSN74AUP1G14DPWR
Description  Low-Power Single Schmitt-Trigger Inverter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PSN74AUP1G14DPWR Datasheet(HTML) 3 Page - Texas Instruments

  PSN74AUP1G14DPWR Datasheet HTML 1Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 2Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 3Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 4Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 5Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 6Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 7Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 8Page - Texas Instruments PSN74AUP1G14DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Y
VCC
A
NC
GND
GND
Y
3
4
A
2
5
NC
6
1
NC
V
CC
GND
A
NC
NC
6
5
4
2
3
Y
V
CC
1
1
2
B
A
Not to scale
GND
Y
A
VCC
3
2
4
5
1
NC
V
CC
Y
A
GND
3
2
4
5
1
NC
V
CC
Y
A
GND
3
2
4
5
1
NC
V
CC
Y
A
GND
3
SN74AUP1G14
www.ti.com
SCES578J – JUNE 2003 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G14
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
DRL Package
5-Pin SOT
Top View
YFP Package
4-Pin DSBGA
Bottom View
N.C. – No internal connection.
See mechancial drawings for dimensions.
DRY Package
6-Pin SON
Top View
DSF Package
6-Pin SON
Top View
DPW Package
5-Pin X2SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV, DCK,
DRL, DPW
DRY, DSF
YFP
A
2
2
A1
I
Logic Input
GND
3
3
B1
Ground
N.C.
1
1, 5
No internal connection
VCC
5
6
A2
Positive Supply
Y
4
4
B2
O
Output


Similar Part No. - PSN74AUP1G14DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PSN74AUP1G14DPWR TI1-PSN74AUP1G14DPWR Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - PSN74AUP1G14DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com