Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG19-2031-75-81 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG19-2031-75-81
Description  pcb automotive / industrial relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG19-2031-75-81 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG19-2031-75-81 Datasheet HTML 1Page - Willow Technologies Ltd DG19-2031-75-81 Datasheet HTML 2Page - Willow Technologies Ltd DG19-2031-75-81 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover
protection
and mounting
Coil code
Options
D
G
1
9
-
-
5
-
-
Contact material
10
-
AgCdO
See coil table 1
20
-
AgNi (90/10)
30
-
AgSnO
2 **
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
31
-
SPST-NC (1N/C, 1 Form B)
Cover protection category
1
-
no cover, IP00
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
Footprint style
11
-
European footprint / pin configuration
81
-
US footprint / pin configuration (covered style with 1 less terminal - see Fig. 2)
81D -
“Old” US covered footprint / pin configuration with extra terminal (Fig. 3)
DG19
pcb automotive / industrial relay
Ref: DG19 051216JHM
Coil Data
Table 1
Coil Voltage Code
Nominal
Voltage (VDC)
Coil
Resistance (Ω)
±10% at 20°C
Must Operate
Voltage Max.
(VDC)
Max.Allowable
Voltage (VDC)*
Must Release
Voltage min. (VDC)
1006
6
19
3.3
8
0.6
1012
12
90
6.8
16
1.2
1024
24
362
13.9
31
2.4
* At ambient temperature of 85’C, maximum allowable voltage should be reduced to 72%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are subject to change without notice. E&OE.
Notes:
** Contact rating for SPDT DG19-3011-*5-****-** is 40A for the normally open contact and 30A for the normally closed contact, but is marked 30A 14VDC to avoid inadvertent
application of too much current on the normally closed contact.


Similar Part No. - DG19-2031-75-81

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG19 AEC-DG19 Datasheet
324Kb / 3P
   Automotive oriented design
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
logo
Intersil Corporation
DG190 INTERSIL-DG190 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG190 INTERSIL-DG190 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG190 VISHAY-DG190 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
More results

Similar Description - DG19-2031-75-81

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
OEN45 OENINDIA-OEN45 Datasheet
341Kb / 2P
   AUTOMOTIVE PCB RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
   Subminiature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Willow Technologies Ltd
DG34A WILLOW-DG34A Datasheet
364Kb / 3P
   automotive pcb power relay
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
   SubMiniature Automotive PCB Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com