Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG17-2011-35-H Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG17-2011-35-H
Description  sub-miniature pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG17-2011-35-H Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG17-2011-35-H Datasheet HTML 1Page - Willow Technologies Ltd DG17-2011-35-H Datasheet HTML 2Page - Willow Technologies Ltd DG17-2011-35-H Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG17
sub-miniature pcb automotive relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C); SPST-NO-DM (1 Form U);
SPDT-DB-DM (1 Form W)
Contact material
AgNi0.15; AgNi90/10; AgSnOInO; AgCdO
Max. switching voltage
DC Current dependent - see Fig 3
Min. switching current / voltage
0.1A/5VDC (AgNi0.15), 0.5A/5VDC (AgSnOInO)
1 Form A
1 Form C
1 Form U
1 Form W
NO
NC
NO
NC
Max. continuous current
DC1
15A
15A
10A
2 x 10A
2 x 7A
2 x 5A
Max. switching current
Make
60A
(100A
AgSnOInO)
60A
(100A
AgSnOInO)
12A
2 x 40A
(70A
AgSnOInO)
2 x 30A
(50A
AgSnOInO)
2 x 5A
Break
20A
20A
10A
2 x 20A
2 x 15A
2 x 5A
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 6, 12, 24V
Must release voltage
See coil table 1
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.1W approx.
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1 min.
General Data
Operating time (typical)
mS 3
Release time (typical)
mS 1.5
Electrical Life
ops 2 x 105 (see Note 2)
Mechanical life
ops 1 x 107
Dimensions
L x W x H 17.7 x 15.2 x 19.7 (covered - excluding terminals)
Weight
open: 8g / covered: 12g approx.
Ambient temperature
storage -40 to 155°C
operating -40 to 85°C (higher to special order)
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
Functional: NO 20g; NC 10g 10-200Hz
Drop resistance
1M height drop on concrete in final enclosure
• 15A continuous current capacity
• AgSnOInO contacts for motor & lamp loads
• open, dust cover and sealed versions
• Automotive oriented design
Ref: DG17 121713JHM
RoHS Compliant


Similar Part No. - DG17-2011-35-H

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG17 AEC-DG17 Datasheet
318Kb / 3P
   open, dust cover and sealed versions
More results

Similar Description - DG17-2011-35-H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Omron Electronics LLC
G8SE OMRON-G8SE Datasheet
291Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8QN OMRON-G8QN Datasheet
550Kb / 8P
   Miniature Automotive PCB Relay
logo
Sanyou Corporation Limi...
SARG SANYOU-SARG Datasheet
212Kb / 3P
   Miniature PCB Automotive Relay
SARA SANYOU-SARA Datasheet
88Kb / 3P
   Miniature PCB Automotive Relay
SARD SANYOU-SARD Datasheet
210Kb / 3P
   Miniature PCB Automotive Relay
logo
Omron Electronics LLC
G8SN OMRON-G8SN Datasheet
185Kb / 3P
   Sub-Miniature PCB Relay
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com