Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-33DX0 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # CCP-33DX0
Description  Commercial Failsafe SPDT, DC-3GHz, Low PIM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-33DX0 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  CCP-33DX0 Datasheet HTML 1Page - Willow Technologies Ltd CCP-33DX0 Datasheet HTML 2Page - Willow Technologies Ltd CCP-33DX0 Datasheet HTML 3Page - Willow Technologies Ltd CCP-33DX0 Datasheet HTML 4Page - Willow Technologies Ltd CCP-33DX0 Datasheet HTML 5Page - Willow Technologies Ltd CCP-33DX0 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCP-33D Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-33D\072013\Q3
Series CCP-33D
Low PIM DC–3 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1+
+
2-
-
3
Common
Common
41
1
5
6Vsw
Vsw
7A
A
8B
B
9C
C
TRUTH TABLE (with TTL option)
Logic
Input
RF Path
Indicator
(if applicable)
1IN
to 1
IN
to 2
AB
0
On
Off
C
0
1Off
On
0
C
SCHEMATIC
P/N:
VOLTAGE:
VDC
D/C:
M/O:
RoHS
MADE IN
TELEDYNE COAX SWITCHES


Similar Part No. - CCP-33DX0

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-33DX0 TELEDYNE-CCP-33DX0 Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCP-33DX0-D TELEDYNE-CCP-33DX0-D Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCP-33DX0-DM TELEDYNE-CCP-33DX0-DM Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCP-33DX0-DMS TELEDYNE-CCP-33DX0-DMS Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
CCP-33DX0-DS TELEDYNE-CCP-33DX0-DS Datasheet
406Kb / 6P
   Failsafe SPDT Coaxial Switch
More results

Similar Description - CCP-33DX0

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-47D WILLOW-CCP-47D Datasheet
405Kb / 6P
   Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
logo
List of Unclassifed Man...
R570313000 ETC2-R570313000 Datasheet
114Kb / 2P
   3GHz SMA FAILSAFE S.P.D.T. SWITCH
logo
Hittite Microwave Corpo...
HMC197A HITTITE-HMC197A Datasheet
417Kb / 4P
   GaAs MMIC SOT26 SPDT SWTCH, DC-3GHz
logo
Teledyne Technologies I...
CCR-40K TELEDYNE-CCR-40K Datasheet
358Kb / 5P
   Failsafe SPDT Coaxial Switch
CCRT-53S TELEDYNE-CCRT-53S Datasheet
597Kb / 8P
   Failsafe SPDT Coaxial Switch
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
   Failsafe SPDT Coaxial Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com