Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2180A2IDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA2180A2IDGKR
Description  Low- and High-Side Voltage Output, Current-Sense Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2180A2IDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA2180A2IDGKR Datasheet HTML 5Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 6Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 7Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 8Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 9Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 10Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 11Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 12Page - Texas Instruments INA2180A2IDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
D017
Frequency (Hz)
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
D018
A1
A2
A3
A4
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
D015
A1
A2
A3
A4
Frequency (Hz)
-10
0
10
20
30
40
50
10
100
1k
10k
100k
1M
10M
D016
A1
A2
A3
A4
Gain Error (%)
D013
Gain Error (%)
D014
9
INA180, INA2180, INA4180
www.ti.com
SBOS741B – APRIL 2017 – REVISED NOVEMBER 2017
Product Folder Links: INA180 INA2180 INA4180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, and VIN+ = 12 V (unless otherwise noted)
Figure 13. Gain Error Production Distribution A3
Figure 14. Gain Error Production Distribution A4
Figure 15. Gain Error vs Temperature
Figure 16. Gain vs Frequency
Figure 17. Power-Supply Rejection Ratio vs Frequency
Figure 18. Common-Mode Rejection Ratio vs Frequency


Similar Part No. - INA2180A2IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2180A2IDGKR TI1-INA2180A2IDGKR Datasheet
1Mb / 32P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
INA2180A2IDGKR TI1-INA2180A2IDGKR Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA2180A2IDGKR TI1-INA2180A2IDGKR Datasheet
2Mb / 51P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results

Similar Description - INA2180A2IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1_1903 TI1-INA180-Q1_1903 Datasheet
1Mb / 41P
[Old version datasheet]   Automotive, low- and high-side voltage output, current-sense amplifiers
INA180-Q1 TI1-INA180-Q1_19 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_V01 Datasheet
2Mb / 51P
[Old version datasheet]   INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1_18 Datasheet
1Mb / 38P
[Old version datasheet]   Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181-Q1 TI1-INA181-Q1_18 Datasheet
1Mb / 44P
[Old version datasheet]   Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_V01 Datasheet
2Mb / 56P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com