Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEVR20-5091-S8-4895-3 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DEVR20-5091-S8-4895-3
Description  Electric Vehicle Contactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DEVR20-5091-S8-4895-3 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DEVR20-5091-S8-4895-3 Datasheet HTML 1Page - Willow Technologies Ltd DEVR20-5091-S8-4895-3 Datasheet HTML 2Page - Willow Technologies Ltd DEVR20-5091-S8-4895-3 Datasheet HTML 3Page - Willow Technologies Ltd DEVR20-5091-S8-4895-3 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DEVR20
Electric Vehicle Contactor
Ref: DEVR20 011216JHM
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 2 of 4
www.durakoolrelays.com Sales Department Tel: +1 574 295 6330 Toll: (888) 847 6552
Coil Data - DEVR20
Table 1
Coil Voltage
Code
Nominal
Voltage
(VDC)
Must Operate
Voltage Max.
(VDC)
Maximum
Allowable
Voltage (VDC)
Must Release
Voltage Min.
(VDC)
Inrush Current
Max.
(A)
Hold Voltage
Min.
(VDC)
Holding
Current
(Average)
0936
9 - 36
9
36
6
3.8
7.5
130mA @ 12VDC
70mA @ 24VDC
3295
32 - 95
32
95
18
1.3
22
30mA @ 48VDC
4895
48 - 95
48
95
27
0.7
34
20mA @ 72VDC
Ordering Codes
D
E
V
R
2
0
-
5
0
6
1
-
S
8
-
-
Contact Material
50 - AgSnO
2
Contact Arrangement
61 - SPST-NO, Polarity conscious1
71 - SPST-NO, with aux contacts. Polarity conscious1
81 - SPST-NO, Polarity not required
91 - SPST-NO, with aux contacts. Polarity not required.
Cover Protection and Mounting
S
- Flange mount on base
Connection Mode
8
- M8 x 10 Stud Terminal
Coil Code
See Coil Table 1
Coil Wire Length
R
- 14.96” (380mm)
T
- 5.9” (150mm)
Other lengths available
Coil Wire Termination
1
- None
2
- Yazaki 7282-5558-10 Male
3
- Molex Mini-Fit Female
Other terminations to special order
1
: Failure to observe correct polarity for load connections will result in degraded performance and life.
Specifications are subject to change without notice. E&OE.


Similar Part No. - DEVR20-5091-S8-4895-3

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DEVR20 AEC-DEVR20 Datasheet
765Kb / 4P
   Reliable contacts, in inert gas
More results

Similar Description - DEVR20-5091-S8-4895-3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
   Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
   Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
   electric vehicle relay
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
   Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
   Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
   Electric Vehicle Motor Control
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com