Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21352-N Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PS21352-N
Description  TRANSFER-MOLD TYPE INSULATED TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS21352-N Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PS21352-N Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PS21352-N Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI SEMICONDUCTOR <Intelligent Power Module>
PS21352-N
TRANSFER-MOLD TYPE
INSULATED TYPE
Sep. 2001
400
–20~+100
–40~+125
1500
VD = VDB = 13.5~16.5V, Inverter part
Tj = 125
°C, non-repetitive, less than 2 µs
(Note 2)
60Hz, Sinusoidal, 1 minute, connection
pins to heat-sink plate
VCC(PROT)
Tf
Tstg
Viso
V
V
V
V
mA
V
20
20
–0.5~VD+0.5
–0.5~VD+0.5
15
–0.5~VD+0.5
Applied between VP1-VNC, VN1-VNC
Applied between VUFB-VUFS, VVFB-VVFS,
VWFB-VWFS
Applied between UP, VP, WP-VNC,
UN, VN, WN-VNC
Applied between FO-VNC
Sink current at FO terminal
Applied between CIN-VNC
Control supply voltage
Control supply voltage
Input voltage
Fault output supply voltage
Fault output current
Current sensing input voltage
VD
VDB
VCIN
VFO
IFO
VSC
450
500
600
5
10
20
–20~+150
Applied between P-N
Applied between P-N
Tf = 25
°C
Tf = 25
°C, instantaneous value (pulse)
Tf = 25
°C, per 1 chip
(Note 1)
VCC
VCC(surge)
VCES
±IC
±ICP
PC
Tj
Condition
Symbol
Parameter
Ratings
Unit
Supply voltage
Supply voltage (surge)
Collector-emitter voltage
Each IGBT collector current
Each IGBT collector current (peak)
Collector dissipation
Junction temperature
V
V
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Condition
Symbol
Parameter
Ratings
Unit
CONTROL (PROTECTION) PART
Symbol
Ratings
Unit
Self protection supply voltage limit
(short-circuit protection capability)
Heat-fin operation temperature
Storage temperature
Isolation voltage
V
°C
°C
Vrms
TOTAL SYSTEM
Note 1 : The maximum junction temperature rating of the power chips integrated within the DIP-IPM is 150
°C (@ Tf ≤ 100°C). However, to
ensure safe operation of the DIP-IPM, the average junction temperature should be limited to Tj(ave)
≤ 125°C (@ Tf ≤ 100°C).
Parameter
Condition
Note 2 : Tf MEASUREMENT POINT
P
U
V
W
N
C
Control Terminals
FWD Chip
Al Board
Temp. measurement point
(inside the Al board)
16mm
18mm
IGBT Chip
Power Terminals
Temp. measurement
point
(inside the Al board)
Groove
Al Board Specifications:
Dimensions 100
× 100 × 10mm, finishing: 12s, warp: –50~100µm
100~200
µm of evenly applied Silicon-Grease
IGBT/FWD Chip


Similar Part No. - PS21352-N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21352-NP MITSUBISHI-PS21352-NP Datasheet
195Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21352-N

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21205 MITSUBISHI-PS21205 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS20351-N MITSUBISHI-PS20351-N Datasheet
183Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21313 MITSUBISHI-PS21313 Datasheet
184Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21212 MITSUBISHI-PS21212 Datasheet
183Kb / 8P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21312 MITSUBISHI-PS21312 Datasheet
185Kb / 9P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS51259-A MITSUBISHI-PS51259-A Datasheet
55Kb / 6P
   TRANSFER-MOLD TYPE INSULATED TYPE
PS21342-N MITSUBISHI-PS21342-N Datasheet
180Kb / 9P
   Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
PS21961-T MITSUBISHI-PS21961-T Datasheet
183Kb / 10P
   Dual-In-Line Package Intelligent Power Module TRANSFER-MOLD TYPE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com