Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT162H245T Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT162H245T
Description  Fast CMOS 16-Bit Bidirectional Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162H245T Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT162H245T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162H245T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162H245T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162H245T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162H245T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162H245T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS2032D
05/17/99
Product Description
Pericom Semiconductor’s PI74FCT series of logic circuits are
produced using the Company’s advanced 0.6 micron CMOS
technology, achieving industry leading speed grades.
The PI74FCT16245T, PI74FCT162245T, and PI74FCT162H245T
are 16-bit bidirectional transceivers designed for asynchronous
two-way communication between data buses. The direction control
input pin (xDIR) determines the direction of data flow through the
bidirectional transceiver. The Direction and Ouput Enable controls
are designed to operate these devices as either two independent
8-bit transceivers or one 16-bit transceiver. The output enable (OE)
input, when HIGH, disables both A and B ports by placing them in
HIGH Z condition.
The PI74FCT16245T output buffers are designed with a Power-
Off disable allowing “live insertion” of boards when used as
backplane drivers.
The PI74FCT162245T has
±24mA balanced output drivers. It is
designed with current limiting resistors at its outputs to control the
output edge rate resulting in lower ground bounce and undershoot.
This eliminates the need for external terminating resistors for most
interface applications.
The PI74FCT162H245T has “Bus Hold” which retains the input’s
last state whenever the input goes to high-impedance preventing
“floating” inputs and eliminating the need for pull-up/down resistors
.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Logic Block Diagram
Product Features
Common Features
• PI74FCT16245T, PI74FCT162245T and PI74FCT162H245
are high-speed, low-power devices with high-current drive
•VCC = 5V ± 10%
• Hysteresis on all inputs
• Packages available:
– 48-pin 240 mil wide plastic TSSOP (A48)
– 48-pin 173 mil wide plastic TVSOP (JEDEC TSSOP K48)
– 48-pin 300 mil wide plastic SSOP (V48)
PI74FCT16245T Features
• High output drive: IOH = –32mA; IOL = 64mA
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce)
< 1.0V at VCC = 5V, TA = 25°C
PI74FCT162245T Features
• Balanced output drivers:
±24mA
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce)
< 0.6V at VCC = 5V, TA = 25°C
PI74FCT162H245T Features
• Bus Hold retains last active bus state during Three-State
• Eliminates the need for external pull-up resistors
PI74FCT16245T
PI74FCT162245T
PI74FCT162H245T
Fast CMOS 16-Bit
Bidirectional Transceivers
1
B0
1
A0
1
OE
1
DIR
1
B1
1
A1
1
B2
1
A2
1
B3
1
A3
1
B4
1
A4
1
B5
1
A5
1
B6
1
A6
1
B7
1
A7
2
B0
2
A0
2
OE
2
DIR
2
B1
2
A1
2
B2
2
A2
2
B3
2
A3
2
B4
2
A4
2
B5
2
A5
2
B6
2
A6
2
B7
2
A7


Similar Part No. - PI74FCT162H245T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162H240T PERICOM-PI74FCT162H240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT162H244T PERICOM-PI74FCT162H244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
More results

Similar Description - PI74FCT162H245T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16245T IDT-IDT74FCT16245T Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com