Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR400UN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMR400UN
Description  N-channel mTrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMR400UN Datasheet(HTML) 2 Page - NXP Semiconductors

  PMR400UN Datasheet HTML 1Page - NXP Semiconductors PMR400UN Datasheet HTML 2Page - NXP Semiconductors PMR400UN Datasheet HTML 3Page - NXP Semiconductors PMR400UN Datasheet HTML 4Page - NXP Semiconductors PMR400UN Datasheet HTML 5Page - NXP Semiconductors PMR400UN Datasheet HTML 6Page - NXP Semiconductors PMR400UN Datasheet HTML 7Page - NXP Semiconductors PMR400UN Datasheet HTML 8Page - NXP Semiconductors PMR400UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
PMR400UN
N-channel
µTrenchMOS™ ultra low level FET
Product data
Rev. 01 — 3 March 2004
2 of 12
9397 750 12665
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Limiting values
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ T
j ≤ 150 °C
-
30
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 150 °C; RGS =20kΩ
-30
V
VGS
gate-source voltage (DC)
-
±8V
ID
drain current (DC)
Tsp =25 °C; VGS = 4.5 V; Figure 2 and 3
-
0.8
A
Tsp = 100 °C; VGS = 4.5 V; Figure 2
-
0.51
A
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
1.61
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
-
0.53
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tsp =25 °C
-
0.44
A
ISM
peak source (diode forward) current Tsp =25 °C; pulsed; tp ≤ 10 µs
-
0.88
A


Similar Part No. - PMR400UN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMR400UN NEXPERIA-PMR400UN Datasheet
482Kb / 14P
   N-channel TrenchMOS ultra low level FET
Rev. 2 - 2 February 2012
More results

Similar Description - PMR400UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMR280UN PHILIPS-PMR280UN Datasheet
89Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-5 March 2004
PMF400UN PHILIPS-PMF400UN Datasheet
91Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-11 February 2004
PMGD280UN PHILIPS-PMGD280UN Datasheet
94Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 01-10 February 2004
PMWD18UN PHILIPS-PMWD18UN Datasheet
92Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 02-23 February 2004
logo
Nexperia B.V. All right...
PMF400UN NEXPERIA-PMF400UN Datasheet
209Kb / 13P
   N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 11 February 2004
logo
NXP Semiconductors
PMGD400UN PHILIPS-PMGD400UN Datasheet
93Kb / 12P
   Dual N-channel mTrenchMOS??ultra low level FET
Rev. 01-3 March 2004
PMWD15UN PHILIPS-PMWD15UN Datasheet
88Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 04-5 April 2005
logo
Nexperia B.V. All right...
PMF280UN NEXPERIA-PMF280UN Datasheet
208Kb / 13P
   N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 27 February 2004
PMGD400UN NEXPERIA-PMGD400UN Datasheet
213Kb / 13P
   Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 3 March 2004
PMGD280UN NEXPERIA-PMGD280UN Datasheet
212Kb / 13P
   Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 10 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com