Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-47D2CT Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # CCP-47D2CT
Description  Commercial Failsafe TRANSFER, DC-3GHz, Low PIM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCP-47D2CT Datasheet(HTML) 4 Page - Willow Technologies Ltd

  CCP-47D2CT Datasheet HTML 1Page - Willow Technologies Ltd CCP-47D2CT Datasheet HTML 2Page - Willow Technologies Ltd CCP-47D2CT Datasheet HTML 3Page - Willow Technologies Ltd CCP-47D2CT Datasheet HTML 4Page - Willow Technologies Ltd CCP-47D2CT Datasheet HTML 5Page - Willow Technologies Ltd CCP-47D2CT Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CCP-47N Page 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-47N\072013\Q3
Series CCP-47D
Low PIM DC–3 GHz
Failsafe TRANSFER Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.30:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
7/16
DIN
Connector
Switch
3


Similar Part No. - CCP-47D2CT

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCP-47DX0 TELEDYNE-CCP-47DX0 Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCP-47DX0-D TELEDYNE-CCP-47DX0-D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCP-47DX0-DM TELEDYNE-CCP-47DX0-DM Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CCP-47DX0-DMS TELEDYNE-CCP-47DX0-DMS Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
More results

Similar Description - CCP-47D2CT

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CCP-33D WILLOW-CCP-33D Datasheet
406Kb / 6P
   Commercial Failsafe SPDT, DC-3GHz, Low PIM
CCP-37S WILLOW-CCP-37S Datasheet
377Kb / 6P
   Commercial Latching TRANSFER, DC-3GHz, Low PIM
CCP-38S WILLOW-CCP-38S Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18D WILLOW-CCP-18D Datasheet
512Kb / 8P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
CCP-18N WILLOW-CCP-18N Datasheet
591Kb / 10P
   Commercial Normally Open Multi-throw, DC-3GHz, Low PIM
logo
List of Unclassifed Man...
R570313000 ETC2-R570313000 Datasheet
114Kb / 2P
   3GHz SMA FAILSAFE S.P.D.T. SWITCH
logo
Teledyne Technologies I...
CCP-47D TELEDYNE-CCP-47D Datasheet
405Kb / 6P
   Failsafe TRANSFER Coaxial Switch
CS-47 TELEDYNE-CS-47 Datasheet
543Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCS-37S TELEDYNE-CCS-37S Datasheet
534Kb / 8P
   Failsafe TRANSFER Coaxial Switch
CCP-37S TELEDYNE-CCP-37S Datasheet
377Kb / 6P
   Low PIM Latching TRANSFER Coaxial Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com