Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGVR40-5091-S8-3295-R1 Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # DGVR40-5091-S8-3295-R1
Description  Electric Vehicle Contactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DGVR40-5091-S8-3295-R1 Datasheet(HTML) 4 Page - Willow Technologies Ltd

  DGVR40-5091-S8-3295-R1 Datasheet HTML 1Page - Willow Technologies Ltd DGVR40-5091-S8-3295-R1 Datasheet HTML 2Page - Willow Technologies Ltd DGVR40-5091-S8-3295-R1 Datasheet HTML 3Page - Willow Technologies Ltd DGVR40-5091-S8-3295-R1 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DEVR40
Electric Vehicle Contactor
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 4 of 4
www.durakoolrelays.com Sales Department Tel: +1 574 295 6330 Toll: (888) 847 6552
Specifications are subject to change without notice. E&OE.
Overall Dimensions
Fig. 3
Ref: DEVR40 012516JHM
Notes:
1)
Spring Washers for the power terminals are an essential requirement for installation.
2)
Torque setting for the M8 Power Terminals is 8.8 to 11Nm. Exceeding the maximum torque may lead to product failure.
3)
Loose terminals will generate excessive heat leading to premature failure and risk of fire.
4)
The maximum torque setting for the M5 mounting bolts (not supplied) is 1.7 to 3.3Nm. to avoid damage to the contactor body.
6)
For polarity conscious versions, please ensure the correct polarity of the wiring to the power terminals. Contact life is greatly
reduced if the power terminals are incorrectly connected.
7)
The contactor coil terminals are polarized. Please ensure they are connected the correctly. This contactor has an Energy
Optimizer control PCB with an integral surge absorption circuit. external diodes are unneccessary and may degrade
performance. The Energy Optimizer actuates approximately 0.1s after power is applied to the coil terminals, do not repeat on/
off or switch off during this time as damge to the contactor may occur. the available coil drive circuit power must exceed the
contactor coil power requirements.
8)
Ensure adequate circuit protection in case of contact malfunction.
9)
The contact chamber contains an inert gas. For maximum life, do not exceed the ambient temperature range of -40 to +85°C.
10)
Contact ratings are based upon a resistive load. For inductive loads an inrush protection device is recommended.
11)
Avoid installing in a strong magnetic field (motor, transformer, external magnet etc.) and protect from heat radiation from nearby
objects. The contactor coil performance changes with temperature (like all relays and contactors), this might occur from self-
heating or from an external source, and it will affect the pull-in (operate) performance.
+ve Coil Wire Red, 22AWG
Ø 2.4 mm
-ve Coil Wire Black, 22AWG
Ø 2.4 mm
Optional auxillary switch wires
White, 2 x 22AWG Ø 1.2 mm
A1 +VE
Terminal
A2 -VE
Terminal
Mounting Hardware (not supplied)
2 x M5 Bolt
2 x M5 Lockwasher
2 x M5 Narrow Washer
Torque: 15 to 30IN-LB (1.7 to 3NM)
Stainless Steel
All dimensions are in mm


Similar Description - DGVR40-5091-S8-3295-R1

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
   Electric Vehicle Contactor
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
   Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
   electric vehicle relay
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
   Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
   Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
   Construction Equipment Electric Vehicle
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
   Electric Vehicle Motor Control
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
   Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com