Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA202IDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202IDR
Description  Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDR Datasheet(HTML) 4 Page - Texas Instruments

  OPA202IDR Datasheet HTML 1Page - Texas Instruments OPA202IDR Datasheet HTML 2Page - Texas Instruments OPA202IDR Datasheet HTML 3Page - Texas Instruments OPA202IDR Datasheet HTML 4Page - Texas Instruments OPA202IDR Datasheet HTML 5Page - Texas Instruments OPA202IDR Datasheet HTML 6Page - Texas Instruments OPA202IDR Datasheet HTML 7Page - Texas Instruments OPA202IDR Datasheet HTML 8Page - Texas Instruments OPA202IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
5
NC
Not to scale
4
OPA202, OPA2202, OPA4202
SBOS812 – OCTOBER 2017
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
OPA202 D Package
8-Pin SOIC
Top View
NC - No internal connection.
Pin Functions: OPA202
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
2
I
Inverting input
+IN
3
I
Noninverting input
NC
1, 5, 8
No internal connection (can be left floating)
OUT
6
O
Output
V–
4
Negative (lowest) power supply
V+
7
Positive (highest) power supply


Similar Part No. - OPA202IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202IDR TI1-OPA202IDR Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202IDR TI1-OPA202IDR Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202IDR TI1-OPA202IDR Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202IDR TI1-OPA202IDR Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202IDR TI1-OPA202IDR Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Similar Description - OPA202IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_V07 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V05 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI-OPA202_V08 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com