Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLPV821DBV Datasheet(PDF) 10 Page - Texas Instruments

Part # PLPV821DBV
Description  650nA, Precision, Nanopower, Zero-Drift Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLPV821DBV Datasheet(HTML) 10 Page - Texas Instruments

Back Button PLPV821DBV Datasheet HTML 6Page - Texas Instruments PLPV821DBV Datasheet HTML 7Page - Texas Instruments PLPV821DBV Datasheet HTML 8Page - Texas Instruments PLPV821DBV Datasheet HTML 9Page - Texas Instruments PLPV821DBV Datasheet HTML 10Page - Texas Instruments PLPV821DBV Datasheet HTML 11Page - Texas Instruments PLPV821DBV Datasheet HTML 12Page - Texas Instruments PLPV821DBV Datasheet HTML 13Page - Texas Instruments PLPV821DBV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Notch FLT
OSC & Freq.
Divider
POR
gm1
gm4
gm2
gm3
Bias
+IN
-IN
Chop1
Chop2
AVDD
AVSS
OUT
AVSS
AVDD
(AVDD)
V+
(AVSS)
V-
10
LPV821
SNOSD36 – AUGUST 2017
www.ti.com
Product Folder Links: LPV821
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LPV821 is a zero-drift, nanopower, rail-to-rail input and output operational amplifier. The device operates
from 1.7 V to 3.7 V, is unity-gain stable, and is suitable for a wide range of general-purpose applications. The
zero-drift architecture provides ultra low offset voltage and near-zero offset voltage drift.
8.2 Functional Block Diagram
8.3 Feature Description
The LPV821 is unity-gain stable and uses an auto-calibration technique to provide low offset voltage and very
low drift over time and temperature. For lowest offset voltage and precision performance, optimize circuit layout
and mechanical conditions. Avoid temperature gradients that create thermoelectric (Seebeck) effects in the
thermocouple junctions formed from connecting dissimilar conductors. Cancel these thermally-generated
potentials by assuring they are equal on both input terminals. Other layout and design considerations include:
Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
Thermally isolate components from power supplies or other heat sources.
Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Following these guidelines reduces the likelihood of junctions being at different temperatures, which can
cause thermoelectric voltages of 0.1 μV/°C or higher, depending on materials used.
8.3.1 Operating Voltage
The LPV821 operational amplifier operates over a power-supply range of 1.7 V to 3.6V (±0.85 V to ± 1.8 V).
Parameters that vary over supply voltage or temperature are shown in the Typical Characteristics section.
CAUTION
Supply voltages higher than 4 V (absolute maximum) can permanently damage the
device.


Similar Part No. - PLPV821DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLPV821DBV TI1-PLPV821DBV Datasheet
1Mb / 24P
[Old version datasheet]   650nA, Precision, Nanopower, Zero-Drift Amplifier
More results

Similar Description - PLPV821DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV821 TI1-LPV821_18 Datasheet
1Mb / 24P
[Old version datasheet]   650nA, Precision, Nanopower, Zero-Drift Amplifier
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
   Precision, Zero-Drift Instrumentation Amplifier
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com