Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2572 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572
Description  6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMX2572 Datasheet HTML 6Page - Texas Instruments LMX2572 Datasheet HTML 7Page - Texas Instruments LMX2572 Datasheet HTML 8Page - Texas Instruments LMX2572 Datasheet HTML 9Page - Texas Instruments LMX2572 Datasheet HTML 10Page - Texas Instruments LMX2572 Datasheet HTML 11Page - Texas Instruments LMX2572 Datasheet HTML 12Page - Texas Instruments LMX2572 Datasheet HTML 13Page - Texas Instruments LMX2572 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
Offset (kHz)
1
2 3 5 710 20
50 100
1000
10000
100000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
D017
4400 MHz
Offset (kHz)
1
2 3 5 710 20
50 100
1000
10000
100000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
D026
4400 MHz
Offset (kHz)
1
2 3 5 710 20
50 100
1000
10000
100000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
D016
3900 MHz
Offset (kHz)
1
2 3 5 710 20
50 100
1000
10000
100000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
D025
3900 MHz
Offset (kHz)
1
2 3 5 710 20
50 100
1000
10000
100000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
D015
3400 MHz
Offset (kHz)
1
2 3 5 710 20
50 100
1000
10000
100000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
D024
3400 MHz
10
LMX2572
SNAS740A – OCTOBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMX2572
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted
Figure 9. Wide Band Phase Noise at 3.4 GHz
Figure 10. Narrow Band Phase Noise at 3.4 GHz
Figure 11. Wide Band Phase Noise at 3.9 GHz
Figure 12. Narrow Band Phase Noise at 3.9 GHz
Figure 13. Wide Band Phase Noise at 4.4 GHz
Figure 14. Narrow Band Phase Noise at 4.4 GHz


Similar Part No. - LMX2572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572LP TI1-LMX2572LP Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAR TI1-LMX2572LPRHAR Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAT TI1-LMX2572LPRHAT Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
More results

Similar Description - LMX2572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
[Old version datasheet]   Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com