Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2572 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2572
Description  6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2572 Datasheet(HTML) 4 Page - Texas Instruments

  LMX2572 Datasheet HTML 1Page - Texas Instruments LMX2572 Datasheet HTML 2Page - Texas Instruments LMX2572 Datasheet HTML 3Page - Texas Instruments LMX2572 Datasheet HTML 4Page - Texas Instruments LMX2572 Datasheet HTML 5Page - Texas Instruments LMX2572 Datasheet HTML 6Page - Texas Instruments LMX2572 Datasheet HTML 7Page - Texas Instruments LMX2572 Datasheet HTML 8Page - Texas Instruments LMX2572 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
4
LMX2572
SNAS740A – OCTOBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMX2572
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SysRefReq
28
Input
SYSREF request for JESD204B support. Configurable to accept CMOS input (1.8-V to 3.3-V
logic) or differential input.
VbiasVARAC
33
Bypass
VCO Varactor bias. Connect a 10-µF decoupling capacitor to VCO ground.
VbiasVCO
3
Bypass
VCO bias. Connect a 10-µF decoupling capacitor to VCO ground as close to this pin as
possible.
VbiasVCO2
27
Bypass
VCO bias. Connect a 1-µF decoupling capacitor to VCO ground.
VccBUF
21
Supply
Supply for output buffers. Connect a 0.1-µF decoupling capacitor to RF ground.
VccCP
11
Supply
Supply for charge pump. Connect a 0.1-µF decoupling capacitor to charge pump ground.
VccDIG
7
Supply
Digital power supply. Connect a 0.1-µF decoupling capacitor to digital ground.
VccMASH
15
Supply
Digital power supply. Connect a 0.1-µF and a 10-µF decoupling capacitor to digital ground.
VccVCO
37
Supply
Supply for VCO. Connect a 0.1-µF and a 10-µF decoupling capacitor to VCO ground.
VccVCO2
26
Supply
Supply for VCO. Connect a 0.1-µF and a 10-µF decoupling capacitor to VCO ground.
VrefVCO
36
Bypass
VCO supply reference. Connect a 10-µF decoupling capacitor to VCO ground.
VrefVCO2
29
Bypass
VCO supply reference. Connect a 10-µF decoupling capacitor to VCO ground.
VregIN
10
Bypass
Input reference path regulator output. Connect a 1-µF decoupling capacitor to RF ground as
close to this pin as possible.
VregVCO
38
Bypass
VCO regulator node. Connect a 1-µF decoupling capacitor to VCO ground.
Vtune
35
Input
VCO tuning voltage input.
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Power supply voltage
–0.3
3.6
V
VIN
Digital IO input voltage
VCC + 0.3
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient temperature
–40
85
°C
TJ
Junction temperature
125
°C


Similar Part No. - LMX2572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572LP TI1-LMX2572LP Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAR TI1-LMX2572LPRHAR Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
LMX2572LPRHAT TI1-LMX2572LPRHAT Datasheet
1Mb / 82P
[Old version datasheet]   2-GHz Low Power Wideband RF Synthesizer With FSK Modulation
More results

Similar Description - LMX2572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
[Old version datasheet]   Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V01 Datasheet
1Mb / 69P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2615-SP TI1-LMX2615-SP_V02 Datasheet
1Mb / 68P
[Old version datasheet]   LMX2615-SP Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com