Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCMP384F83 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCMP384F83
Description  Small dimension for high density packaging
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F83 Datasheet(HTML) 6 Page - World Produts Inc.

Back Button PCMP384F83 Datasheet HTML 2Page - World Produts Inc. PCMP384F83 Datasheet HTML 3Page - World Produts Inc. PCMP384F83 Datasheet HTML 4Page - World Produts Inc. PCMP384F83 Datasheet HTML 5Page - World Produts Inc. PCMP384F83 Datasheet HTML 6Page - World Produts Inc. PCMP384F83 Datasheet HTML 7Page - World Produts Inc. PCMP384F83 Datasheet HTML 8Page - World Produts Inc. PCMP384F83 Datasheet HTML 9Page - World Produts Inc. PCMP384F83 Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
190
VRdc = 630 V
VRac = 250 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
0.0091
0.010
0.011
0.012
0.013
4.0 x 10.0 x 12.5
0.8
PCMP 384 C2472
PCMP 384 C2512
PCMP 384 C2562
PCMP 384 C2622
PCMP 384 C2682
PCMP 384 C2752
PCMP 384 C2822
PCMP 384 C2912
PCMP 384 C2103
PCMP 384 C2113
PCMP 384 C2123
PCMP 384 C2133
PCMP 384 CA472
PCMP 384 CA512
PCMP 384 CA562
PCMP 384 CA622
PCMP 384 CA682
PCMP 384 CA752
PCMP 384 CA822
PCMP 384 CA912
PCMP 384 CA103
PCMP 384 CA113
PCMP 384 CA123
PCMP 384 CA133
0.015
0.016
0.018
0.020
0.022
5.0 x 11.0 x 12.5
0.9
PCMP 384 C2153
PCMP 384 C2163
PCMP 384 C2183
PCMP 384 C2203
PCMP 384 C2223
PCMP 384 CA153
PCMP 384 CA163
PCMP 384 CA183
PCMP 384 CA203
PCMP 384 CA223
0.024
0.027
0.030
6.0 x 12.0 x 12.5
1.0
PCMP 384 C2243
PCMP 384 C2273
PCMP 384DC2303
PCMP 384 CA243
PCMP 384 CA273
PCMP 384DCA303
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
0.024
0.027
0.030
0.033
0.036
5.0 x 11.0 x 18.0
1.2
PCMP 384 62103
PCMP 384 62113
PCMP 384 62123
PCMP 384 62133
PCMP 384 62153
PCMP 384 62163
PCMP 384 62183
PCMP 384 62203
PCMP 384 62223
PCMP 384 62243
PCMP 384 62273
PCMP 384 C2303
PCMP 384 C2333
PCMP 384 C2363
PCMP 384 6A103
PCMP 384 6A113
PCMP 384 6A123
PCMP 384 6A133
PCMP 384 6A153
PCMP 384 6A163
PCMP 384 6A183
PCMP 384 6A203
PCMP 384 6A223
PCMP 384 6A243
PCMP 384 6A273
PCMP 384 CA303
PCMP 384 CA333
PCMP 384 CA363
0.039
0.043
0.047
0.051
0.056
6.0 x 12.0 x 18.0
1.4
PCMP 384 C2393
PCMP 384 C2433
PCMP 384 C2473
PCMP 384 C2513
PCMP 384 C2563
PCMP 384 CA393
PCMP 384 CA433
PCMP 384 CA473
PCMP 384 CA513
PCMP 384 CA563
0.062
0.068
0.075
7.0 x 13.5 x 18.0
1.9
PCMP 384 C2623
PCMP 384 C2683
PCMP 384 C2753
PCMP 384 CA623
PCMP 384 CA683
PCMP 384 CA753
0.082
0.091
0.10
0.11
8.5 x 15.0 x 18.0
2.6
PCMP 384 C2823
PCMP 384 C2913
PCMP 384 C2104
PCMP 384 C2114
PCMP 384 CA823
PCMP 384 CA913
PCMP 384 CA104
PCMP 384 CA114


Similar Part No. - PCMP384F83

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP389 WPI-PCMP389 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F42 WPI-PCMP389F42 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F43 WPI-PCMP389F43 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F45 WPI-PCMP389F45 Datasheet
131Kb / 16P
   Low loss dielectric
PCMP389F4A WPI-PCMP389F4A Datasheet
131Kb / 16P
   Low loss dielectric
More results

Similar Description - PCMP384F83

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Raltron Electronics Cor...
RT3215 RALTRON-RT3215 Datasheet
133Kb / 1P
   IDEAL FOR HIGH DENSITY PACKAGING APPLICATION
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Hirose Electric
HP5-189P-1.27W HIROSE-HP5-189P-1.27W Datasheet
1Mb / 34P
   High-density Packaging System
logo
Omron Electronics LLC
B3S-1000P OMRON-B3S-1000P Datasheet
230Kb / 4P
   Surface Mount Tactile Switch for High-Density Packaging
logo
Hirose Electric
PO55-P-316 HIROSE-PO55-P-316 Datasheet
259Kb / 6P
   High-density Packaging System(Coaxial Connectors for Hi-PAS Mounting)
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com