Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P255FAL336KAPJ Datasheet(PDF) 8 Page - World Produts Inc.

Part # P255FAL336KAPJ
Description  Metallized Polypropylene Film Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P255FAL336KAPJ Datasheet(HTML) 8 Page - World Produts Inc.

  P255FAL336KAPJ Datasheet HTML 1Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 2Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 3Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 4Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 5Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 6Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 7Page - World Produts Inc. P255FAL336KAPJ Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
P255
( AC-filtering application )
(PCPW 255)
TYPE SPECIFICATION
8 OF 8
14-07-24
( C ) PILKOR ELECTRONICS 2013
QSN-075-77
CHARACTERISTICS
Test Voltage
. Cut off current 10mA ( rise time ≤ 1000V/sec. )
. Test Voltage
( between terminations ) : 1.5 x VR applied for 10s
Capacitance
. Capacitance : Within specified tolerance range when sine wave AC is applied
at 1kHz ± 200Hz and max. 5Vrms
Insulation Resistance
The insulation resistance is measured after a voltage has been applied at 500V for 1min. ±5 sec.
RC (
Ω•F) > 10,000 s
( R = Insulation resistance between the terminations[
Ω], C = Capacitance[Farad] )
PRODUCT MARKING
Capacitors are marked on the top or on the top and one side with the following information :
. Rated capacitance code in accordance with IEC 60062
. Tolerance on rated capacitance : J : ± 5 %
K : ± 10 %
. Rated (AC) Voltage ( e.g. 250 V~ )
. Code for dielectric material (MKP)
. Manufacturer's type designation ( PCPW 255 or 255 )
. Manufacturer's name (PILKOR)
Example of marking
Marking on the top
or
Marking on the top
DRAFT
14u
K
350V~
PILKOR
PCPW 255
MKP
WK
.
14u K 350V~
255 MKP
.
PILKOR


Similar Part No. - P255FAL336KAPJ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P25 MACOM-P25 Datasheet
93Kb / 3P
   Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P25 AMPHENOL-P25 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Harwin Plc
P25-0123 HARWIN-P25-0123 Datasheet
59Kb / 1P
   2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
P25-0126 HARWIN-P25-0126 Datasheet
61Kb / 1P
   2.54mm MIN. CENTRE TWO-PIECE SPRING PROBE
More results

Similar Description - P255FAL336KAPJ

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com